Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURB2020CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MURB2020CT
Description  Ultra fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MURB2020CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MURB2020CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited MURB2020CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
Ultra fast Rectifier
MURB2020CT
FEATURES
·
Ultrafast with soft recovery
·
175℃ Operating temperature
·
Popular TO-220 package
·
Ultrafast Recovery Time
·
Low Forward Voltage Drop
·
Low Leakage Current
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Switching power supply
·
Power switching circuits
·
General purpose
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
200
V
IF(AV)
Average Rectified Forward Current Pre leg:
Total device (Rated VR, TC = 145 °C):
10
20
A
IFSM
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions half-
wave, single phase, 60Hz)
100
A
IF(RSM)
RMS Forward Current
per Leg
Tc=145℃;20HZ;
20
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃


Similar Part No. - MURB2020CT

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MURB2020CT IRF-MURB2020CT Datasheet
174Kb / 8P
Ultrafast Rectifier
logo
Vishay Siliconix
MURB2020CT VISHAY-MURB2020CT Datasheet
116Kb / 7P
Ultrafast Rectifier, 2 x 10 A FRED PtTM
28-Jul-08
logo
GOOD-ARK Electronics
MURB2020CT GOOD-ARK-MURB2020CT Datasheet
499Kb / 7P
Product Specification
logo
Zibo Seno Electronic En...
MURB2020CT ZSELEC-MURB2020CT Datasheet
165Kb / 2P
20.0A GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
MURB2020CT THINKISEMI-MURB2020CT Datasheet
762Kb / 2P
20.0 Ampere Surface Mount Dual Common Cathode Ultra Fast Recovery Rectifiers
More results

Similar Description - MURB2020CT

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
Ultra Fast Rectifier
RU0073D SSDI-RU0073D_15 Datasheet
81Kb / 2P
ULTRA FAST RECTIFIER
RU0081 SSDI-RU0081_15 Datasheet
318Kb / 2P
ULTRA FAST RECTIFIER
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
ULTRA FAST RECTIFIER
logo
Jinan Jing Heng Electro...
UF4001 JINGHENG-UF4001 Datasheet
63Kb / 2P
ULTRA FAST RECTIFIER
logo
Inchange Semiconductor ...
DSEP40-03AS ISC-DSEP40-03AS Datasheet
278Kb / 2P
Ultra fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com