Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1271MF Datasheet(PDF) 1 Page - Sanken electric

Part # SCM1271MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1271MF Datasheet(HTML) 1 Page - Sanken electric

  SCM1271MF Datasheet HTML 1Page - Sanken electric SCM1271MF Datasheet HTML 2Page - Sanken electric SCM1271MF Datasheet HTML 3Page - Sanken electric SCM1271MF Datasheet HTML 4Page - Sanken electric SCM1271MF Datasheet HTML 5Page - Sanken electric SCM1271MF Datasheet HTML 6Page - Sanken electric SCM1271MF Datasheet HTML 7Page - Sanken electric SCM1271MF Datasheet HTML 8Page - Sanken electric SCM1271MF Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
600V High Voltage 3-phase Motor Driver ICs
SCM1270MF Series
Data Sheet
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
1
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
Description
The SCM1270MF series are high voltage 3-phase
motor driver ICs in which transistors, pre-driver ICs
(MICs), and bootstrap circuits (diodes and resistors) are
highly integrated.
These products can run on a 3-shunt current detection
system and optimally control the inverter systems of
medium-capacity motors that require universal input
standards.
Features
● Temperature Sensing Function
● In Case of Abnormal Operaion, All Outputs Shut
Down via the FO1, FO3, and SD Pins Connected
Together
● Built-in Bootstrap Diodes with Current Limiting
Resistors (22 Ω)
● CMOS-compatible Input (3.3 V or 5 V)
● Bare Lead Frame: Pb-free (RoHS Compliant)
● Isolation Voltage: 2500 V (for 1 min)
UL-recognized Component (File No.: E118037)
● Fault Signal Output at Protection Activation
● Protections Include:
Undervoltage Lockout for Power Supply
High-side (UVLO_VB): Auto-restart
Low-side (UVLO_VCC): Auto-restart
Overcurrent Protection (OCP): Auto-restart
Simultaneous On-state Prevention: Auto-restart
Typical Application
VCC
MIC1
VB1
FO1
OCP1
LIN1
COM1
HIN1
VCC1
HS1
VBB
W
LS3
V
LS2
U
LS1
INT
COM
VB2
SD
VT
LIN2
COM2
HIN2
VCC2
HS2
VB3
FO3
OCP3
LIN3
COM3
HIN3
VCC3
HS3
VFO
MIC2
MIC3
1
3
4
5
6
7
9
8
11
12
14
13
15
16
17
19
20
21
22
23
24
25
26
28
29
31
32
33
A/D
M
27
18
10
2
30
VDC
LIN1
HIN1
LIN2
HIN2
LIN3
HIN3
RFO
CFO
CBOOT1
CBOOT2
CBOOT3
RS
DRS
RO
CO
U1
SCM1270MF Series
Controller
power
supply
DZVT
Thermal
RVT
Package
DIP33
Pin Pitch: 1.27 mm
Mold Dimensions: 47 mm × 19 mm × 4.4 mm
Not to scale
Selection Guide
● Power Device: IGBT + FRD (600 V)
IO
Part Number
10 A
SCM1271MF
15 A
SCM1272MF
20 A
SCM1274MF
30 A
SCM1276MF
Applications
For motor drives such as:
● Refrigerator Compressor Motor
● Air Conditioner Compressor Motor
● Washing Machine Main Motor
● Fan Motor
● Pump Motor


Similar Part No. - SCM1271MF

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
SCM120 AXIOMTEK-SCM120 Datasheet
371Kb / 1P
Ultra Low Power Consumption Cortex-A9
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
High flexibility SMARC v1.0 compliant design
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK_17 Datasheet
193Kb / 1P
SMARC v1.0 SoM Evaluation Kit with Quad/DualLite 800 MHz (Industrial)
logo
Sanken electric
SCM1200MF SANKEN-SCM1200MF Datasheet
1Mb / 60P
500V / 600V High Voltage Three-phase Motor Driver ICs
logo
Axiomtek Co., Ltd.
SCM120 AXIOMTEK-SCM120_16 Datasheet
231Kb / 1P
High flexibility SMARC v1.0 compliant design
More results

Similar Description - SCM1271MF

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-7600 SANKEN-SI-7600 Datasheet
41Kb / 5P
3-Phase Stepper Motor Driver ICs
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
High Voltage 3 Phase Motor Driver
SIM6800M ALLEGRO-SIM6800M Datasheet
317Kb / 16P
High Voltage 3-Phase Motor Driver ICs
logo
Sanken electric
SCM1200MF SANKEN-SCM1200MF Datasheet
1Mb / 60P
500V / 600V High Voltage Three-phase Motor Driver ICs
SIM6812M SANKEN-SIM6812M Datasheet
553Kb / 16P
High Voltage 3-Phase Motor Driver ICs
SMA6852MZ SANKEN-SMA6852MZ Datasheet
615Kb / 13P
High Voltage 3-Phase Motor Driver ICs
SIM6800M SANKEN-SIM6800M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SIM6880M SANKEN-SIM6880M Datasheet
2Mb / 52P
500V / 600V High Voltage 3-phase Motor Driver ICs
SPI-6631M SANKEN-SPI-6631M Datasheet
82Kb / 2P
Low Voltage 3-Phase Brushless Motor Driver ICs
SMA685XM SANKEN-SMA685XM Datasheet
615Kb / 13P
High Voltage 3-Phase Motor Driver ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com