Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM1272MF Datasheet(PDF) 39 Page - Sanken electric

Part # SCM1272MF
Description  600V High Voltage 3-phase Motor Driver ICs
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SCM1272MF Datasheet(HTML) 39 Page - Sanken electric

Back Button SCM1272MF Datasheet HTML 35Page - Sanken electric SCM1272MF Datasheet HTML 36Page - Sanken electric SCM1272MF Datasheet HTML 37Page - Sanken electric SCM1272MF Datasheet HTML 38Page - Sanken electric SCM1272MF Datasheet HTML 39Page - Sanken electric SCM1272MF Datasheet HTML 40Page - Sanken electric SCM1272MF Datasheet HTML 41Page - Sanken electric SCM1272MF Datasheet HTML 42Page - Sanken electric SCM1272MF Datasheet HTML 43Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
SCM1270MF Series
SCM1270MF-DSE Rev.1.4
SANKEN ELECTRIC CO., LTD.
39
Aug. 9, 2018
http://www.sanken-ele.co.jp/en
© SANKEN ELECTRIC CO., LTD. 2017
15.3.1.3. SCM1274MF
Figure 15-28.
IGBT VCE(SAT) vs. IC
Figure 15-29.
Freewheeling Diode VF vs. IF
15.3.1.4. SCM1276MF
Figure 15-30.
IGBT VCE(SAT) vs. IC
Figure 15-31.
Freewheeling Diode VF vs. IF
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
18
20
I
C (A)
75
°C
125
°C
25
°C
VCCx = 15 V
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8
10
12
14
16
18
20
I
F (A)
75
°C
25
°C
125
°C
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
I
C (A)
25
°C
75
°C
125
°C
VCCx = 15 V
0.0
0.5
1.0
1.5
2.0
2.5
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30
I
F (A)
75
°C
25
°C
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com