Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP117 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMP117
Description  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP117 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP117 Datasheet HTML 8Page - Texas Instruments TMP117 Datasheet HTML 9Page - Texas Instruments TMP117 Datasheet HTML 10Page - Texas Instruments TMP117 Datasheet HTML 11Page - Texas Instruments TMP117 Datasheet HTML 12Page - Texas Instruments TMP117 Datasheet HTML 13Page - Texas Instruments TMP117 Datasheet HTML 14Page - Texas Instruments TMP117 Datasheet HTML 15Page - Texas Instruments TMP117 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Shutdown
15.5 ms
(One-Shot Conversion)
(Active Current Consumption Active Conversion Time) + (Standby Current Consumption Standby Time)
Conversion Cycle Time
u
u
12
TMP117
SNOSD82 – JUNE 2018
www.ti.com
Product Folder Links: TMP117
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Device Functional Modes (continued)
Use Equation 1 to calculate the average current consumption of the device in continuous mode.
(1)
7.4.1.3 Continuous Conversion Mode (CC)
When the MOD[1:0] bits are set to 00 in the configuration register , the device operates in continuous conversion
mode. The device continuously performs temperature conversions in this mode, as shown in Figure 14, and
updates the temperature result register at the end of every conversion. As described in the Conversion Cycle
section, every conversion cycle consists of an active conversion period followed by a standby period whose
duration can be configured using the CONV and AVG bits in the configuration register based on the temperature
accuracy, power consumption, and temperature update rate trade-offs of the application that the device is used
in. At the end of a conversion, the Data_Ready flag in the configuration register is set. The user can read the
configuration register or the temperature result register to clear the Data_Ready flag. Therefore, the Data_Ready
flag can be used to determine when the conversion completes so that an external controller can synchronize
reading the result register with conversion result updates. The user can set the DR/nAlert_EN bit in the
configuration register to monitor the state of the Data_Ready flag on the ALERT pin.
7.4.1.4 Shutdown Mode (SD)
When the MOD[1:0] bits are set to 01 in the configuration register, the device instantly aborts the currently
running conversion and enters a low-power shutdown mode. In this mode, the device powers down all active
circuitry and can be used in conjunction with the OS mode to perform temperature conversions. In SD mode, the
device typically consumes only 250 nA, which makes the TMP117 suitable for battery-operated systems and
other low-power consumption applications.
7.4.1.5 One-Shot Mode (OS)
When MOD[1:0] bits are set to 11 in the configuration register to run a single conversion, referred to as a one-
shot conversion. After the device completes a one-shot conversion, the device returns to the low-power
shutdown mode. A one-shot conversion cycle only consists of active conversion time and no standby period,
unlike CC mode. Thus, the duration of a one-shot conversion is only affected by the AVG bit settings. The CONV
bits do not affect the duration of a one-shot conversion. Figure 16 shows a timing diagram for this mode with an
AVG setting of 00. At the end of a one-shot conversion, the Data_Ready flag in the configuration register is set.
The Data_Ready flag can thus be used to determine when the conversion completes. The user can perform an
I2C read on the configuration register or temperature result register to clear the Data_Ready flag. The user can
also set the DR/nAlert_EN bit in the configuration register to monitor the state of the Data_Ready flag on the
ALERT pin.
Figure 16. One-Shot Timing Diagram
7.4.2 Therm and Alert Functions
The built-in therm and alert functions of the TMP117 can alert the user if the temperature has crossed a certain
temperature limit or if the device is within a certain temperature range. At the end of every conversion, the
TMP117 compares the converted temperature result to the values stored in the low limit register and high limit
register. The device then either sets or clears the corresponding status flags in the configuration register, as
described in this section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com