Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHT2000N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MHT2000N
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000N Datasheet(HTML) 2 Page - NXP Semiconductors

  MHT2000N Datasheet HTML 1Page - NXP Semiconductors MHT2000N Datasheet HTML 2Page - NXP Semiconductors MHT2000N Datasheet HTML 3Page - NXP Semiconductors MHT2000N Datasheet HTML 4Page - NXP Semiconductors MHT2000N Datasheet HTML 5Page - NXP Semiconductors MHT2000N Datasheet HTML 6Page - NXP Semiconductors MHT2000N Datasheet HTML 7Page - NXP Semiconductors MHT2000N Datasheet HTML 8Page - NXP Semiconductors MHT2000N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MHT2000NR1 MHT2000GNR1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain--Source Voltage
VDS
–0.5, +65
Vdc
Gate--Source Voltage
VGS
–0.5, +10
Vdc
Operating Voltage
VDD
32, +0
Vdc
Storage Temperature Range
Tstg
–65 to +150
C
Case Operating Temperature
TC
150
C
Operating Junction Temperature (1,2)
TJ
225
C
Input Power
Pin
20
dBm
Table 2. Thermal Characteristics (In Freescale Narrowband Test Fixture)
Characteristic
Symbol
Value (2,3)
Unit
Thermal Resistance, Junction to Case
(Case Temperature 80C, Pout = 25 W CW)
Stage 1, 28 Vdc, IDQ1 =55 mA
Stage 2, 28 Vdc, IDQ2 = 195 mA
RJC
6.1
1.2
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1B
Machine Model (per EIA/JESD22--A115)
A
Charge Device Model (per JESD22--C101)
II
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD22--A113, IPC/JEDEC J--STD--020
3
260
C
Table 5. Electrical Characteristics (TC =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Stage 1 -- Off Characteristics
Zero Gate Voltage Drain Leakage Current
(VDS =65 Vdc, VGS =0 Vdc)
IDSS
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS =28 Vdc, VGS =0 Vdc)
IDSS
1
Adc
Gate--Source Leakage Current
(VGS =1.5 Vdc, VDS =0 Vdc)
IGSS
1
Adc
Stage 1 -- On Characteristics
Gate Threshold Voltage
(VDS =10 Vdc, ID =20 Adc)
VGS(th)
1.2
1.9
2.7
Vdc
Gate Quiescent Voltage
(VDS =28 Vdc, IDQ1 =55 mA) (4)
VGS(Q)
2.7
Vdc
Fixture Gate Quiescent Voltage
(VDD =28 Vdc, IDQ1 =55 mAdc) (4,5)
VGG(Q)
10.3
11.2
12.6
Vdc
1. Continuous use at maximum temperature will affect MTTF.
2. MTTF calculator available at http://www.freescale.com/rf. Select Software & Tools/Development Tools/Calculators to access MTTF
calculators by product.
3. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
4. Measured in Freescale Narrowband Test Fixture.
5. See Appendix A for functional test measurements and test fixture.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com