Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MHT2000NR1 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MHT2000NR1
Description  RF LDMOS Integrated Power Amplifiers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MHT2000NR1 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MHT2000NR1 Datasheet HTML 4Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 5Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 6Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 7Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 8Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 9Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 10Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 11Page - NXP Semiconductors MHT2000NR1 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
MHT2000NR1 MHT2000GNR1
Zo =50 
Zload
Zsource
f = 2450 MHz
f = 2450 MHz
VDD =28 Vdc,IDQ1 =55 mA, IDQ2 = 195 mA, Pout =25 W CW
f
MHz
Zsource
Zload
2450
32 – j6.256
6.2 – j1.17
Zsource = Test circuit impedance as measured from
gate to ground.
Zload
= Test circuit impedance as measured from
drain to ground.
Figure 12. Series Equivalent Source and Load Impedance — Narrowband
Z source
Z load
Input
Matching
Network
Device
Under
Test
Output
Matching
Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com