Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9513BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9513BCPZ
Description  800 MHz Clock Distribution IC, Dividers, Delay Adjust, Three Outp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9513BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD9513BCPZ Datasheet HTML 1Page - Analog Devices AD9513BCPZ Datasheet HTML 2Page - Analog Devices AD9513BCPZ Datasheet HTML 3Page - Analog Devices AD9513BCPZ Datasheet HTML 4Page - Analog Devices AD9513BCPZ Datasheet HTML 5Page - Analog Devices AD9513BCPZ Datasheet HTML 6Page - Analog Devices AD9513BCPZ Datasheet HTML 7Page - Analog Devices AD9513BCPZ Datasheet HTML 8Page - Analog Devices AD9513BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Data Sheet
AD9513
Rev. B | Page 5 of 28
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
S0 = 1
Zero-Scale Delay Time3
0.59
ns
Zero-Scale Variation with Temperature
0.47
ps/°C
Full-Scale Time Delay3
11.6
ns
Full-Scale Variation with Temperature
−5
ps/°C
Linearity, DNL
0.2
LSB
Linearity, INL
0.2
LSB
1 This is the difference between any two similar delay paths within a single device operating at the same voltage and temperature.
2 This is the difference between any two similar delay paths across multiple devices operating at the same voltage and temperature.
3 Incremental delay; does not include propagation delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com