Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCLK950BCPZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADCLK950BCPZ
Description  Two Selectable Inputs, 10 LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK950BCPZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCLK950BCPZ Datasheet HTML 2Page - Analog Devices ADCLK950BCPZ Datasheet HTML 3Page - Analog Devices ADCLK950BCPZ Datasheet HTML 4Page - Analog Devices ADCLK950BCPZ Datasheet HTML 5Page - Analog Devices ADCLK950BCPZ Datasheet HTML 6Page - Analog Devices ADCLK950BCPZ Datasheet HTML 7Page - Analog Devices ADCLK950BCPZ Datasheet HTML 8Page - Analog Devices ADCLK950BCPZ Datasheet HTML 9Page - Analog Devices ADCLK950BCPZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCLK950
Data Sheet
Rev. B | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
IN_SEL
CLK0
CLK0
VREF0
VT0
CLK1
CLK1
VT1
VREF1
VEE
NC
Q5
Q5
Q4
Q4
NC
NC
VCC
NC
VCC
1
2
3
4
5
6
7
8
9
10
23
24
25
26
27
28
29
30
22
21
ADCLK950
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. THE EPAD MUST BE SOLDERED TO THE VEE POWER PLANE.
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
IN_SEL
Input Select. Logic 0 selects CLK0 and CLK0 inputs. Logic 1 selects CLK1 and CLK1 inputs.
2
CLK0
Differential Input (Positive) 0.
3
CLK0
Differential Input (Negative) 0.
4
V
REF0
Reference Voltage. Reference voltage for biasing ac-coupled CLK0 and CLK0 inputs.
5
V
T0
Center Tap. Center tap of a 100 Ω input resistor for CLK0 and CLK0 inputs.
6
CLK1
Differential Input (Positive) 1.
7
CLK1
Differential Input (Negative) 1.
8
V
T1
Center Tap. Center tap of a 100 Ω input resistor for CLK1 and CLK1 inputs.
9
V
REF1
Reference Voltage. Reference voltage for biasing ac-coupled CLK1 and CLK1 inputs.
10
V
EE
Negative Supply Pin.
11, 20, 21,
30, 31, 40
V
CC
Positive Supply Pin.
12, 13
Q9, Q9
Differential LVPECL Outputs.
14, 15
Q8, Q8
Differential LVPECL Outputs.
16, 17
Q7, Q7
Differential LVPECL Outputs.
18, 19
Q6, Q6
Differential LVPECL Outputs.
22, 23, 28,
29
NC
No Connection
24, 25
Q5, Q5
Differential LVPECL Outputs.
26, 27
Q4, Q4
Differential LVPECL Outputs.
32, 33
Q3, Q3
Differential LVPECL Outputs.
34, 35
Q2, Q2
Differential LVPECL Outputs.
36, 37
Q1, Q1
Differential LVPECL Outputs.
38, 39
Q0, Q0
Differential LVPECL Outputs.
EPAD
Exposed Pad. The EPAD must be soldered to the V
EE power plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com