Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6800AB Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM6800AB
Description  Class-D Mono Amplifier for Mobile Telephones
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6800AB Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM6800AB Datasheet HTML 1Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6800AB Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SM6800A
NIPPON PRECISION CIRCUITS INC.—2
BLOCK DIAGRAM
PIN DESCRIPTION
Number
Name1
1. VDDS = VDD1, VDDP = VDD2 = VDD3, VSS = VSS1 = VSS2 = VSS3
I/O2
2. Ip
= input pin with built-in pull-up resistor
Function
1
VDD1
–
Supply (input system)
2
IN
I
Signal input
3
EQP
I
Equalizer network connection
4
EQN
I
Equalizer network connection
5
VSS1
–
Ground (input system)
6
VREF3
–
Reference voltage 3 (internal bias voltage monitor. No connection for normal operation)
7
VREF2
–
Reference voltage 2 (internal bias voltage monitor. No connection for normal operation)
8
VREF1
–
Reference voltage 1 (bias voltage)
9
PDWN
I
Power-down control (active LOW)
10
MUTEN
I
Mute control (active LOW)
11
VDD2
–
Supply (OUTN stage)
12
OUTN
O
Speaker minus (–) output
13
VSS2
–
Ground (OUTP and OUTN stages)
14
OUTP
O
Speaker plus (
+) output
15
VDD3
–
Supply (OUTP stage)
16
VSS3
–
Ground (output system)
17
TM1
I
Dynamic range compression mode setting 1
18
TM2
I
Dynamic range compression mode setting 2
19
TEST
Ip
Test pin (HIGH: normal operation, LOW: test mode)
20
PROT
O
Protection circuit output (HIGH: protection circuit operation, LOW: normal operation)
IN
VSS2
PDWN
VDD2
VREF1
OUTN
MUTEN
VREF3
VREF2
PWM
Modulator
OSC
VDD3
VSS3
EQP
VSS1
VDD1
EQN
+
−
VREF1 VREF2
TEST
TM2
TM1
+
−
VREF1 VREF2
VREF3
MUTE,
POWERDOWN,
PROTECTION
LEVEL
SHIFTER
OUTP
BIAS, VREF1,
VREF2, VREF3
BUFFER
BUFFER
LEVEL
SHIFTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com