Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9522-2 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9522-2
Description  12 LVDS/24 CMOS Output Clock Generator with Integrated 2.2 GHz VCO
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9522-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9522-2 Datasheet HTML 17Page - Analog Devices AD9522-2 Datasheet HTML 18Page - Analog Devices AD9522-2 Datasheet HTML 19Page - Analog Devices AD9522-2 Datasheet HTML 20Page - Analog Devices AD9522-2 Datasheet HTML 21Page - Analog Devices AD9522-2 Datasheet HTML 22Page - Analog Devices AD9522-2 Datasheet HTML 23Page - Analog Devices AD9522-2 Datasheet HTML 24Page - Analog Devices AD9522-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 84 page
background image
Data Sheet
AD9522-2
TYPICAL PERFORMANCE CHARACTERISTICS
275
250
225
200
175
150
125
100
75
0
200
400
600
800
1000
FREQUENCY (MHz)
3 CHANNELS—6 LVDS
3 CHANNELS—3 LVDS
2 CHANNELS—2 LVDS
1 CHANNEL—1 LVDS
Figure 6. Total Current vs. Frequency, CLK-to-Output (PLL Off), Channel and
VCO Divider Bypassed, LVDS Outputs Terminated 100 Ω Across Differential Pair
240
220
200
180
160
140
120
100
80
0
50
100
150
200
250
FREQUENCY (MHz)
2 CHANNELS—8 CMOS
2 CHANNELS—2 CMOS
1 CHANNEL—2 CMOS
1 CHANNEL—1 CMOS
Figure 7. Total Current vs. Frequency, CLK-to-Output (PLL Off), Channel and
VCO Divider Bypassed, CMOS Outputs with 10 pF Load
48
46
44
42
40
38
36
34
32
30
2.00
2.05
2.10
2.15
2.20
2.25
2.30
2.35
VCO FREQUENCY (GHz)
Figure 8. KVCO vs. VCO Frequency
5
4
3
2
1
0
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
VOLTAGE ON CP PIN (V)
PUMP UP
PUMP DOWN
Figure 9. Charge Pump Characteristics at VCP = 3.3 V
5
4
3
2
1
0
0
5.0
4.0
3.0
4.5
3.5
2.5
2.0
1.5
1.0
0.5
VOLTAGE ON CP PIN (V)
PUMP DOWN
PUMP UP
Figure 10. Charge Pump Characteristics at VCP = 5.0 V
–140
–145
–150
–155
–160
–165
–170
0.1
1
100
10
PFD FREQUENCY (MHz)
Figure 11. PFD Phase Noise Referred to PFD Input vs. PFD Frequency
Rev. A | Page 21 of 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com