Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9523 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9523
Description  Jitter Cleaner and Clock Generator
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9523 Datasheet HTML 5Page - Analog Devices AD9523 Datasheet HTML 6Page - Analog Devices AD9523 Datasheet HTML 7Page - Analog Devices AD9523 Datasheet HTML 8Page - Analog Devices AD9523 Datasheet HTML 9Page - Analog Devices AD9523 Datasheet HTML 10Page - Analog Devices AD9523 Datasheet HTML 11Page - Analog Devices AD9523 Datasheet HTML 12Page - Analog Devices AD9523 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Data Sheet
AD9523
Rev. D | Page 9 of 60
LOGIC INPUT PINS—PD, EEPROM_SEL, REF_SEL, RESET, SYNC
Table 13.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE
Input High
2.0
V
Input Low
0.8
V
INPUT LOW CURRENT
±80
±250
µA
The minus sign indicates that, due to the
internal pull-up resistor, current is flowing
out of the AD9523
CAPACITANCE
3
pF
RESET TIMING
Pulse Width Low
50
ns
Inactive to Start of Register Programming
100
ns
SYNC TIMING
Pulse Width Low
1.5
ns
High speed clock is CLK input signal
STATUS OUTPUT PINS—STATUS1, STATUS0
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE
Output High
2.94
V
Output Low
0.4
V
SERIAL CONTROL PORT—SPI MODE
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CS (INPUT)
CS has an internal 40 kΩ pull-up resistor
Voltage
Input Logic 1
2.0
V
Input Logic 0
0.8
V
Current
Input Logic 1
30
µA
Input Logic 0
−110
µA
The minus sign indicates that, due to the
internal pull-up resistor, current is flowing out
of the AD9523
Input Capacitance
2
pF
SCLK (INPUT) IN SPI MODE
SCLK has an internal 40 kΩ pull-down resistor
in SPI mode but not in I2C mode
Voltage
Input Logic 1
2.0
V
Input Logic 0
0.8
V
Current
Input Logic 1
240
µA
Input Logic 0
1
µA
Input Capacitance
2
pF
SDIO (WHEN INPUT IS IN BIDIRECTIONAL MODE)
Voltage
Input Logic 1
2.0
V
Input Logic 0
0.8
V
Current
Input Logic 1
1
µA
Input Logic 0
1
µA
Input Capacitance
2
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com