Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5DBF Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # ES5DBF
Description  Surface Mount Superfast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ES5DBF Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ES5DBF Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ES5DBF Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. ES5DBF Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Reverse Voltage – 50 to 600 V
Forward Current – 5 A
MECHANICAL DATA
•
• Terminals: Solderable per MIL-STD-750, Method 2026
•
pprox. Weight: 57mg / 0.002oz
Case: SMBF
A
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms Single Half
Sine Wave Superimposed on Rated Load
(JEDEC Method)
Maximum Forward Voltage at 3A
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS voltage
Operating and Storage Temperature Range
Maximum Average Forward Rectified Current
at TL = 100
°C
Maximum DC Reverse Current
Ta = 25
°C
at Rated DC Blocking Voltage
Ta =125
°C
Typical Junction Capacitance
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Cj
T , T
j
stg
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
V
5
150
1
5
100
45
35
-55 ~ +150
A
A
V
μA
ns
°C
Symbols
Ratings at
ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
25
°C
Absolute Maximum Ratings and Characteristics
Maximum Reverse Recovery Time
at I =0.5A, I =1A, I =0.25A
F
R
rr
trr
pF
ES5ABF
ES5BF
ES5CBF
ES5DBF
ES5EBF
ES5GBF
ES5JBF
Units
50
100
150
200
300
400
600
1.25
1.68
FEATURES
For surface mounted applications
• Low profile package
• Glass Passivated Chip Junction
• Superfast reverse recovery time
• Lead free in comply with EU RoHS 2011/65/EU directives
•
Typical Thermal Resistance
RθJA
55
°C/W
2)
1
)Measured with IF = 0.5 A, IR = 1 A, Irr = 0.25 A
)P.C.B. mounted with 0.5 X 0.5" (12.7 X 12.7 mm) copper pad areas.
2
PINNING
PIN
1
2
DESCRIPTION
Cathode
Anode
Simplified outline SMBF and symbol
1
2
ES5ABF THRU ES5JBF
Surface Mount Superfast Rectifiers
Marking : ES5A-ES5J
http://www.trr-jx.com
version: 02


Similar Part No. - ES5DBF

ManufacturerPart #DatasheetDescription
logo
Microdiode Semiconducto...
ES5DBF CHENDA-ES5DBF Datasheet
630Kb / 2P
SURFACE MOUNT SUPERFAST RECOVERY RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
ES5DBF YFWDIODE-ES5DBF Datasheet
194Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Xian Semipower Electron...
ES5DBF SEMIPOWER-ES5DBF Datasheet
137Kb / 3P
Surface Mount Superfast Recovery Rectifier
logo
Zibo Seno Electronic En...
ES5DBF ZSELEC-ES5DBF Datasheet
109Kb / 2P
5.0 A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
logo
GUANGDONG HOTTECH INDUS...
ES5DBF HOTTECH-ES5DBF Datasheet
177Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES5DBF

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
ES3A_DO-214AA JUXING-ES3A_DO-214AA Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES2A JUXING-ES2A Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
DHE0.5A JUXING-DHE0.5A_17 Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES3ABF JUXING-ES3ABF Datasheet
771Kb / 3P
Surface Mount Superfast Rectifiers
ES5A JUXING-ES5A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES8AP JUXING-ES8AP Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
ES1A JUXING-ES1A_18 Datasheet
1Mb / 2P
Surface Mount Superfast Rectifiers
ES2AF JUXING-ES2AF Datasheet
1Mb / 3P
Surface Mount Superfast Rectifiers
logo
Shanghai Leiditech Elec...
ES1A LEIDITECH-ES1A Datasheet
395Kb / 3P
Surface Mount Superfast Rectifiers
DSK1B LEIDITECH-DSK1B Datasheet
393Kb / 3P
Surface Mount Superfast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com