Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N24RF64DTPT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # N24RF64DTPT3G
Description  Dual Interface RFID
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N24RF64DTPT3G Datasheet(HTML) 2 Page - ON Semiconductor

  N24RF64DTPT3G Datasheet HTML 1Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 2Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 3Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 4Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 5Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 6Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 7Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 8Page - ON Semiconductor N24RF64DTPT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
N24RF64
www.onsemi.com
2
Figure 1. Functional Symbol
VCC
AN1
AN2
A0, A1
SCL
SDA
VSS
N24RF64
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameter
Rating
Unit
Storage Temperature
−65 to +150
_C
Ambient Operating Temperature
-4
0 to +105
_C
Voltage on SCL, SDA, A0, A1 and VCC pins with respect to Ground (Note 1)
−0.5 to 6.5
V
RF Input Voltage Peak to Peak Amplitude between AN1 and AN2, VSS pad floating
28
V
AC Voltage on AN1 or AN2 with respect to GND
-1 to 15
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. During transitions, the voltage undershoot on any pin should not exceed −1 V for more than 20 ns. Voltage overshoot on the SCL and SDA
I2C pins should not exceed the absolute maximum ratings, irrespective of VCC.
Table 2. RELIABILITY CHARACTERISTICS − EEPROM (Note 2)
Symbol
Parameter
Test Conditions
Max
Unit
NEND
Endurance
TA ≤ 25_C, 1.8 V < VCC < 5.5 V
2,000,000
Write Cycles (Note 3)
TA = 85_C, 1.8 V < VCC < 5.5 V
800,000
TA = 105_C, 1.8 V < VCC < 5.5 V
300,000
TDR
Data Retention
TA = 25_C
200
Year
2. Determined through qualification/characterization.
3. A Write Cycle refers to writing a Byte or a Page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com