Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906843 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2906843
Description  Housing upper part, for printed circuit terminal block connection
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906843 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2906843 Datasheet HTML 1Page - PHOENIX CONTACT 2906843 Datasheet HTML 2Page - PHOENIX CONTACT 2906843 Datasheet HTML 3Page - PHOENIX CONTACT 2906843 Datasheet HTML 4Page - PHOENIX CONTACT 2906843 Datasheet HTML 5Page - PHOENIX CONTACT 2906843 Datasheet HTML 6Page - PHOENIX CONTACT 2906843 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/2906843
26.06.2013   Page 4 / 7
Electronic housing - ME 17,5 OT-MKDSO GN - 2906843
Accessories
Components of electronic housing - ME-SAS - 2853899
Shield connection clamp for printed circuit terminal block
 
 
Electronic housing - ME 17,5 OT-MKDSO GN - 2906843
Housing upper part, for printed circuit terminal block connection
 
 
Printed-circuit board connector - MKDSO 2,5/ 3-R - 1707218
PCB terminal block, Nominal current: 24 A, Nom. voltage: 400 V, Pitch: 5 mm, Number of positions: 3, Connection
method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color: green, Article with
lateral pin exit
 
 
Printed-circuit board connector - MKDSO 2,5/ 3-L - 1707221
PCB terminal block, Nominal current: 24 A, Nom. voltage: 400 V, Pitch: 5 mm, Number of positions: 3, Connection
method: Screw connection, Mounting: Soldering, Conductor/PCB connection direction: 0 °, Color: green, Article with
lateral pin exit
 
 
Printed-circuit board connector - MSTBT 2,5/ 3-ST - 1779848
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 3, Pitch: 5 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com