Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLX71120 Datasheet(PDF) 21 Page - Melexis Microelectronic Systems

Part # MLX71120
Description  300 to 930MHz FSK/FM/ASK Receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71120 Datasheet(HTML) 21 Page - Melexis Microelectronic Systems

Back Button MLX71120 Datasheet HTML 17Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 18Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX71120 Datasheet HTML 25Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
MLX71120
300 to 930MHz
FSK/FM/ASK Receiver
REVISION 009 - JUNE 16, 2017
3901071120
4.3. DC Characteristics
all parameters under normal operating conditions, unless otherwise stated;
typical values at TA= 23 °C and VCC = 3 V, all parameters based on test circuits as shown Fig. 10
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Operating Currents
Shutdown current
ISDN
ENRX=0, TA = 85°C
50
200
nA
ENRX=0, TA = 125°C
4
µA
Supply current reference
oscillator
IRO
ENRX=1, t < tonRO
1.5
mA
Supply current, FSK
IF2= 455kHz
IFSK1
ENRX=1, MODSEL= 1
IFSEL=0, SLCSEL=0
LNASEL=0 or 1
7.0
mA
Supply current, FSK
IF2= 10.7MHz
IFSK2
ENRX=1, MODSEL= 1
IFSEL=1, SLCSEL=0
LNASEL=0 or 1
7.5
mA
Supply current, ASK
IF2= 455kHz
IASK1
ENRX= 1, MODSEL= 0
IFSEL=0, SLCSEL=0
LNASEL=0 or 1
6.6
mA
Supply current, ASK
IF2= 10.7MHz
IASK2
ENRX= 1, MODSEL= 0
IFSEL=1, SLCSEL=0
LNASEL=0 or 1
7.1
mA
Digital Pin Characteristics (except of LNASEL)
Input low voltage (CMOS)
VIL
ENRX, SEL pins
0.3*VCC
V
Input high voltage (CMOS)
VIH
ENRX, SEL pins
0.7*VCC
V
Pull down current ENRX pin
IPDEN
ENRX=1
2
8
30
µA
Low level input current
ENRX pin
IINLEN
ENRX=0
1
µA
High level input current
IINHSEL
SEL pins
1
µA
Low level input current
IINLSEL
SEL pins
1
µA
LNASEL Pin Characteristics
Input voltage LNA1 active
VLNASEL1
ENRX=1
0.1*VCC
V
Input voltage LNA2 active
VLNASEL2
ENRX=1
0.9*VCC
V
DTAO Pin Characteristics
Output low voltage
VOL
DTAO pin,
ISINK = 600µA
0.3*VCC
V
Output high voltage
VOH
DTAO pin,
ISOURCE = 600µA
0.7*VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com