Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP2300SC Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SP2300SC
Description  Thyistor Surge Protector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SP2300SC Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SP2300SC Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SP2300SC Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SP2300SC Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
◆
Bi-directional crowbar transient voltage protection
◆
High surge capability
◆
High off-state impedance
◆
Low leakage current
◆
Low on-state voltage
◆
Short-circuit failure mode
Typical application including:
●
Central office switching equipment. Analog and digital linecards(xDSL,T1/E1,ISDN……)
●
Customer Premises Equipment(CPE)such as phones, fax machines,modems,POS terminals,
PBX systems and caller ID adjunct boxes.
●
Primary protection modules including Main Distribution Frames(MDF),building
entrance equipment and station protection modules.
●
Access network equipment such as remote terminals,line repeaters,multiplexers,
cross-connects,WAN equipment,Network Interface Devices(NID).
●
Data lines and security systems.
●
CATV line amplifiers and power inserters.
●
Sprinkler systems.
Electrcal Parameters (Tamb=25℃)
Part
Number
VDRM
IDRM
VBO
IBO
VT
IT
CO
`IH
Min.
Max.
Max.
Max.
Max.
Max.
Typ.
Min.
V
uA
V
mA
V
A
pF
mA
DO-214AA(SMB)
Thyistor Surge Protector
http://www.trr-jx.com
version: 02
SP2300SC
270
5
310
800
4
2.2
60
120
Eletrical Characteristics
VDRM
Stand-off voltage,is measured at IDRM
IH
Holding current.
VBO
Breakover voltage,is measured at 100V/
μs.
IBO
Breadover current.
CO
Off-state capacitance ismeasured in VDC=2V@1MHZ.
IT
ON-state current
IDRM Leakage current,is measured at VDRM.
VT
On-state voltage.
SP2300SC


Similar Part No. - SP2300SC

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230A SIPEX-SP230A Datasheet
399Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230ACP SIPEX-SP230ACP Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230ACP SIPEX-SP230ACP Datasheet
399Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
SP230ACT SIPEX-SP230ACT Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
More results

Similar Description - SP2300SC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
1740 BOURNS-1740 Datasheet
176Kb / 2P
Coaxial Surge Protector
logo
Okaya Electric America,...
R-401LDEZ OKAYA-R-401LDEZ Datasheet
347Kb / 1P
SURGE PROTECTOR
R-401BWZ-2A OKAYA-R-401BWZ-2A Datasheet
566Kb / 2P
SURGE PROTECTOR
R-781BWZ-4 OKAYA-R-781BWZ-4 Datasheet
414Kb / 2P
SURGE PROTECTOR
RCM-601BQZ-4 OKAYA-RCM-601BQZ-4 Datasheet
490Kb / 2P
SURGE PROTECTOR
R-411PVF OKAYA-R-411PVF Datasheet
213Kb / 1P
SURGE PROTECTOR
R-242LAS OKAYA-R-242LAS Datasheet
362Kb / 1P
SURGE PROTECTOR
R-242BWZ OKAYA-R-242BWZ Datasheet
277Kb / 1P
SURGE PROTECTOR
logo
Bourns Electronic Solut...
1830T1 BOURNS-1830T1 Datasheet
395Kb / 1P
Surge Protector
logo
DONG IL TECHNOLOGY LTD.
SP-1000 DIT-SP-1000 Datasheet
5Mb / 2P
Surge Protector
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com