Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0334724924 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0334724924
Description  MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, with Connector Position Assurance, with Clip-Slot, Dark Gray
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0334724924 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0334724924 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/17/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0334724924
Status:
Active
Overview:
MX150 Sealed and Unsealed Connector System
Description:
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, with Connector
Position Assurance, with Clip-Slot, Dark Gray
Documents:
3D Model
Application Specification AS-33611-001-001 (PDF)
Drawing (PDF)
Packaging Specification PK-31300-903-001 (PDF)
Product Specification PS-33472-000-001 (PDF)
Packaging Specification PK-33472-001-001 (PDF)
Application Specification AS-33472-100-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
33472
Application
Power, Wire-to-Board, Wire-to-Wire
Comments
with Connector Position Assurance (CPA)
More Detailed Tech Information
http://uscar.org/guest/teams/10/Electrical-Wiring-
Component-Applications -Partnership
Overview
MX150 Sealed and Unsealed Connector System
Polarization
C
Product Name
MX150
UPC
889056885898
Physical
Circuits (maximum)
8
Color - Resin
Gray (Dark)
Gender
Receptacle
Glow-Wire Capable
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy
Net Weight
11.743/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40° to +125°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-33472-100-001, AS-33611-001-001
Packaging Specification
PK-31300-903-001, PK-33472-001-001
Product Specification
PS-33472-000-001
Sales Drawing
SD-33472-0001-001
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
For more information, please visit Contact US
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
33472 Series
Mates With
33482 Male Dual Row Sealed Connector
Use With
33001 , 33012 MX150 Female Terminal,
34345-0001 MX150 Cavity Plug Sealed
This document was generated on 10/17/2018
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0334724924

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0334724922 MOLEX1-0334724922 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, without Connector Position Assurance, with Clip-Slot, Dark Gray
0334724923 MOLEX1-0334724923 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization D, without Connector Position Assurance, with Clip-Slot, Stone Gray
0334724925 MOLEX1-0334724925 Datasheet
53Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization D, with Connector Position Assurance, with Clip-Slot, Stone Gray
More results

Similar Description - 0334724924

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33472-0714 MOLEX11-33472-0714 Datasheet
59Kb / 1P
MX150 Sealed Female Connector, Dual Row, 6 Circuits, Polarization C, without Connector Position Assurance, with Clip Slot, Dark Gray
33472-0716 MOLEX11-33472-0716 Datasheet
59Kb / 1P
MX150 Sealed Female Connector, Dual Row, 6 Circuits, Polarization C, with Connector Position Assurance, with Clip Slot, Dark Gray
0334720714 MOLEX1-0334720714 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 6 Circuits, Polarization C, without Connector Position Assurance, with Clip Slot, Dark Gray
0334720716 MOLEX1-0334720716 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 6 Circuits, Polarization C, with Connector Position Assurance, with Clip Slot, Dark Gray
0334721407 MOLEX1-0334721407 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 12 Circuits, Polarization C, without Connector Position Assurance, with Clip-Slot, Dark Gray
0334721409 MOLEX1-0334721409 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 12 Circuits, Polarization C, with Connector Position Assurance, with Clip-Slot, Dark Gray
0334721411 MOLEX1-0334721411 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 12 Circuits, Polarization C, without Connector Position Assurance, with Clip-Slot, Dark Gray
0334721413 MOLEX1-0334721413 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 12 Circuits, Polarization C, with Connector Position Assurance, with Clip-Slot, Dark Gray
0334724881 MOLEX1-0334724881 Datasheet
53Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, with Connector Position Assurance, Dark Gray
0334724922 MOLEX1-0334724922 Datasheet
52Kb / 1P
MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization C, without Connector Position Assurance, with Clip-Slot, Dark Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com