Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS726A Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS726A
Description  12 TO 36 MHZ 6TSOT VCXO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS726A Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS726A Datasheet HTML 1Page - Integrated Device Technology ICS726A Datasheet HTML 2Page - Integrated Device Technology ICS726A Datasheet HTML 3Page - Integrated Device Technology ICS726A Datasheet HTML 4Page - Integrated Device Technology ICS726A Datasheet HTML 5Page - Integrated Device Technology ICS726A Datasheet HTML 6Page - Integrated Device Technology ICS726A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ICS726A
12 TO 36 MHZ 6TSOT VCXO
VCXO
IDT® 12 TO 36 MHZ 6TSOT VCXO
3
ICS726A
REV E 021312
The third overtone mode of the crystal and all spurs must be
>100 ppm distant from the 3x fundamental resonance
measured with a physical load of 8.6pF.
The external crystal must be connected as close to the chip
as possible and should be on the same side of the PCB as
the ICS726A. There should be no vias between the crystal
pins and the X1 and X2 device pins. There should be no
signal traces underneath or close to the crystal. See
application note MAN05.
Crystal Tuning Load Capacitors
The crystal traces should include pads for small fixed
capacitors, one between X1 and ground, and another
between X2 and ground. The need for these capacitors is
determined at system prototype evaluation, and is
influenced by the particular crystal used (manufacture and
frequency) and by PCB layout. The typical required
capacitor value is 1 to 4 pF.
To determine the value of the crystal capacitors:
1. Connect VDD of the ICS726A to 3.3 V. Connect pin 5of
the ICS726A to the second power supply. Adjust thevoltage
on pin 5 to 0V. Measure and record the frequency ofthe CLK
output. (f0V)
2. Adjust the voltage on pin 5 to 3.3 V. Measure and record
the frequency of the same output. (fhigh)
Errorxtal = actual initial accuracy (in ppm) of the crystal being
measured.
If the centering error is less than ±25 ppm, no adjustment is
needed. If the centering error is more than 25 ppm negative,
the PC board has excessive stray capacitance and a new
PCB layout should be considered to reduce stray
capacitance. (Alternately, the crystal may be re-specified to
a higher load capacitance. Contact IDT for details.) If the
centering error is more than 25 ppm positive, add identical
fixed centering capacitors from each crystal pin to ground.
The value for each of these caps (in pF) is given by:
= 2 x (centering error)/ (trim sensitivity)
Trim sensitivity is a parameter which can be supplied by your
crystal vendor or calculated using the following formula:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com