Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4877 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC4877
Description  TV/character display horizontal deflection output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4877 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC4877 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4877 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4877 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4877 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Application
TV / character display horizontal deflection output
Features
• High breakdown voltage
VCES = 1500 V
• Built–in damper diode type
• Isolated package
TO-3PFM
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
———————————————————————————————————————————
Collector to emitter voltage
VCES
1500
V
———————————————————————————————————————————
Emitter to base voltage
VEBO
6V
———————————————————————————————————————————
Collector current
IC
8A
———————————————————————————————————————————
Collector surge current
ic(surge)
20
A
———————————————————————————————————————————
Collector power dissipation
PC*1
50
W
———————————————————————————————————————————
Junction temperature
Tj
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
C to E diode forward current
ID
8A
———————————————————————————————————————————
Note: 1. Value at TC = 25°C.
TO–3PFM
1. Base
2. Collector
3. Emitter
1
2
3
2
3
1
2SC4877
Silicon NPN Triple Diffused


Similar Part No. - 2SC4877

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC4877 ETC1-2SC4877 Datasheet
55Kb / 2P
Power Bipolar Transistors
More results

Similar Description - 2SC4877

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5695 TOSHIBA-2SC5695 Datasheet
139Kb / 5P
Horizontal Deflection Output for High Resolution Display, Color TV
logo
List of Unclassifed Man...
2SC937 ETC-2SC937 Datasheet
34Kb / 1P
TRANSLESS TV HORIZONTAL DEFLECTION OUTPUT
logo
Hitachi Semiconductor
2SC3025 HITACHI-2SC3025 Datasheet
37Kb / 1P
HIGH VOLTAGE POWER SWITCHING CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
TV HORIZONTAL DEFLECTION OUTPUT
2SC4589 HITACHI-2SC4589 Datasheet
376Kb / 3P
CTV/Character Display Horizontal Deflection Output
2SC4928 HITACHI-2SC4928 Datasheet
20Kb / 4P
Character Display Horizontal Deflection Output
2SC5132A HITACHI-2SC5132A Datasheet
23Kb / 4P
Character Display Horizontal Deflection Output
2SC5470 HITACHI-2SC5470 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498_07 Datasheet
288Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com