Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4928 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # 2SC4928
Description  Character Display Horizontal Deflection Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC4928 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  2SC4928 Datasheet HTML 1Page - Hitachi Semiconductor 2SC4928 Datasheet HTML 2Page - Hitachi Semiconductor 2SC4928 Datasheet HTML 3Page - Hitachi Semiconductor 2SC4928 Datasheet HTML 4Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Application
Character Display Horizontal Deflection Output
Features
• High speed switching time: 0.5 µs max
• High breakdown voltage, high current:
VCBO = 1500 V, IC = 15 A
• Suitable for large size CRT Display
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
———————————————————————————————————————————
Collector to base voltage
VCBO
1500
V
———————————————————————————————————————————
Collector to emitter voltage
VCEO
800
V
———————————————————————————————————————————
Emitter to base voltage
VEBO
6V
———————————————————————————————————————————
Collector current
IC
15
A
———————————————————————————————————————————
Collector surge current
ic(surge)
20
A
———————————————————————————————————————————
Collector power dissipation
PC*1
150
W
———————————————————————————————————————————
Junction temperature
Tj
150
°C
———————————————————————————————————————————
Storage temperature
Tstg
–55 to +150
°C
———————————————————————————————————————————
Note: 1. Value at TC = 25°C.
TO–3PL
1. Base
2. Collector
3. Emitter
1
2
3
2SC4928
Silicon NPN Triple Diffused


Similar Part No. - 2SC4928

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4928 ISC-2SC4928 Datasheet
73Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4928 SAVANTIC-2SC4928 Datasheet
116Kb / 3P
Silicon NPN Power Transistors
2SC4928 SAVANTIC-2SC4928 Datasheet
118Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4928 NJSEMI-2SC4928 Datasheet
122Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4928

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1908 SANYO-2SD1908 Datasheet
116Kb / 3P
CRT Display Horizontal Deflection Output Applications
2SC5698 SANYO-2SC5698 Datasheet
29Kb / 4P
CRT Display Horizontal Deflection Output Applications
logo
Hitachi Semiconductor
2SC3025 HITACHI-2SC3025 Datasheet
37Kb / 1P
HIGH VOLTAGE POWER SWITCHING CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
2SC4589 HITACHI-2SC4589 Datasheet
376Kb / 3P
CTV/Character Display Horizontal Deflection Output
2SC4744 HITACHI-2SC4744 Datasheet
378Kb / 4P
Charcater Display Horizontal Deflection Output
2SC4745 HITACHI-2SC4745 Datasheet
299Kb / 4P
Charcater Display Horizontal Deflection Output
2SC4877 HITACHI-2SC4877 Datasheet
21Kb / 4P
TV/character display horizontal deflection output
2SC5132A HITACHI-2SC5132A Datasheet
23Kb / 4P
Character Display Horizontal Deflection Output
2SC5470 HITACHI-2SC5470 Datasheet
42Kb / 7P
SILICON NPN TRIPLE DIFFUSED CHARACTER DISPLAY HORIZONTAL DEFLECTION OUTPUT
logo
Sanyo Semicon Device
2SC5699 SANYO-2SC5699 Datasheet
28Kb / 4P
CRT Display Horizontal Deflection Output Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com