Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6012D Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # S6012D
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S6012D Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  S6012D Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
isc Thyristors
S6012D
APPLICATIONS
·
With TO-252 (DPAK)package
·
Highly sensitive triggering levels
·
For capacitive discharge ignitions, motor control
in kitchen aids, overvoltage crowbar protection
in low power supplies applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current
12
A
IT
(
AV)
Average on-state current
7.6
A
ITSM
Surge non-repetitive on-state current
50HZ
255
A
60HZ
300
IT(AV)
On-state current 180°conduction angle
7.6
A
ITSM
Non-repetitive surge peak on-state current t= 20ms
12
A
PG(AV)
Average gate power dissipation
0.5
W
Tj
Junction temperature
125
℃
Tstg
Storage temperature
-40 to + 150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VRM=VRRM,
VDM=VDRM,
Tj=25℃
Tj=100℃
Tj=125℃
0.01
0.5
1
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
1.6
V
IGT
Gate-trigger current
VD =12V;RL=60Ω;
20
mA
VGT
Gate-trigger voltage
VD =12V;RL=60Ω;
1.5
V


Similar Part No. - S6012D

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S6012D TECCOR-S6012D Datasheet
222Kb / 12P
SCRs
logo
Littelfuse
S6012D LITTELFUSE-S6012D Datasheet
212Kb / 12P
SCRs (1 A to 70 A)
S6012D LITTELFUSE-S6012D Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
S6012D LITTELFUSE-S6012D Datasheet
218Kb / 12P
RoHS Compliant
logo
List of Unclassifed Man...
S6012D ETC2-S6012D Datasheet
218Kb / 12P
RoHS Compliant
More results

Similar Description - S6012D

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com