Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC3S921 Datasheet(PDF) 13 Page - Sanken electric

Part # SSC3S921
Description  LLC Current-Resonant Off-Line Switching Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC3S921 Datasheet(HTML) 13 Page - Sanken electric

Back Button SSC3S921 Datasheet HTML 9Page - Sanken electric SSC3S921 Datasheet HTML 10Page - Sanken electric SSC3S921 Datasheet HTML 11Page - Sanken electric SSC3S921 Datasheet HTML 12Page - Sanken electric SSC3S921 Datasheet HTML 13Page - Sanken electric SSC3S921 Datasheet HTML 14Page - Sanken electric SSC3S921 Datasheet HTML 15Page - Sanken electric SSC3S921 Datasheet HTML 16Page - Sanken electric SSC3S921 Datasheet HTML 17Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SSC3S921
SSC3S921 - DSJ Rev.1.7
SANKEN ELECTRIC CO., LTD.
13
Jan. 17, 2018
http://www.sanken-ele.co.jp/en/
© SANKEN ELECTRIC CO., LTD. 2015
8.2
Startup Operation
Figure 8-11 shows the VCC pin peripheral circuit.
Figure 8-12 shows the startup operational waveforms.
The power supply starts as follows:
1) The mains input voltage is provided, and the VSEN
pin voltage increases to the on-threshold voltage,
VSEN(ON) = 1.300 V, or more.
2) The startup current, IST, which is a constant current
of 6.0 mA is provided from the IC to capacitor C2
connected to the VCC pin, C2 is charged.
3) CADJ is charged by I
ADJ
= −10µA to increase the ADJ
pin voltage.
4) When the VCC pin voltage increases to the operation
start voltage, VCC(ON) = 17.0 V, the REG pin voltage
is output. At the same time, the ADJ pin outputs the
PFC ON signal, and the PFC control IC is activated.
The VCC pin voltage is decreased by the power
dissipation of the IC.
5) When
the
VCC
pin
voltage
decreases
to
VCC(BIAS) = 9.8 V, the C9 connected to FB pin starts
to be charged. When the FB pin voltage increases to
the oscillation start threshold voltage, VFB(ON) = 0.30
V, or more, the swiching operation starts.
After that, the startup circuit stops automatically, in
order to eliminate its own power consumption.
During the IC operation, the rectified voltage from the
auxiliary winding voltage, VD, in Figure 8-11 is a power
source to the VCC pin.
The winding turns of the winding D should be
adjusted so that the VCC pin voltage is applied to
equation (7) within the specification of the mains input
voltage range and output load range of the power supply.
The target voltage of the winding D is about 19 V.
⇒9.8 (V) < V
CC < 32.0 (V)
(7)
The startup time, tSTART, is determined by the value of
C2 and C6 connected to the CSS pin. Since the startup
time for C6 is much smaller than that for C2, the startup
time is approximately given as below:
(8)
where:
tSTART is the startup time in s,
VCC(INT) is the initial voltage of the VCC pin in V, and
ICC(ST) is the startup current, 6.0 mA
10
2
VCC
GND
U1
R4
VSEN
C4
R2
R3
C2
1
ST
D1
18
VD
R1
FB
3
C9
R8
PC1
C1
VCC
QC
RADJ1
RADJ2
DADJ
VAC
DST1
CX
L1
DST2
SSC2016S
U2
ADJ
RST
4
REG
12
CADJ
IADJ
CSS
5
C6
R5
Figure 8-11.
VCC Pin Peripheral Circuit
VCC Pin Voltage
VCC(ON)
VCC(BIAS)
REG Pin Voltage
FB Pin Voltage
VGL Pin Voltage
VREG
0
0
0
0
VFB(ON)
VSEN Pin Voltage
0
VSEN(ON)
ADJ Pin Voltage
0
Charged by IADJ
PFC on signal output
Figure 8-12.
Startup Operation When PFC ON/OFF
Function is Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com