Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSC2005SC Datasheet(PDF) 15 Page - Sanken electric

Part # SSC2005SC
Description  Critical Conduction Mode PFC Control IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SSC2005SC Datasheet(HTML) 15 Page - Sanken electric

Back Button SSC2005SC Datasheet HTML 11Page - Sanken electric SSC2005SC Datasheet HTML 12Page - Sanken electric SSC2005SC Datasheet HTML 13Page - Sanken electric SSC2005SC Datasheet HTML 14Page - Sanken electric SSC2005SC Datasheet HTML 15Page - Sanken electric SSC2005SC Datasheet HTML 16Page - Sanken electric SSC2005SC Datasheet HTML 17Page - Sanken electric SSC2005SC Datasheet HTML 18Page - Sanken electric SSC2005SC Datasheet HTML 19Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
SSC2005SC
SSC2005SC-DS Rev.1.1
SANKEN ELECTRIC CO.,LTD.
15
Feb. 06, 2015
 Output Capacitor: C2
Apply proper design margin to accommodate the
ripple current, the ripple voltage and the temperature
rise. Use of high ripple current and low impedance
types, designed for switch-mode power supplies, is
recommended, depending on their purposes.
C2 is calculated by both Equation (12) and (14), and
is selected the large value of them.
1) Given the C2 ripple voltage VOUTRIPPLE (VPP) (10 VPP
for example), C2 is expressed as follows:
)
RI
(
OUT
LINE
OUT
V
f
2
I
2
C
(F)
(12)
where,
fLINE :Line frequency (Hz)
IOUT :Output current (A)
The C2 voltage is expressed by Equation (13).
When the output ripple is high, the VC2 voltage may
reach to Overvoltage Protection voltage, VOVP, in near
the maximum value of VC2, or input current waveform
may be distorted due to the stop of the boost operation
in near the minmum value of VC2. It is necessary to
select large C2 value or change the setting of output
voltage (boost voltage).
2
V
V
V
)
RI
(
OUT
OUT
2
C
(V)
(13)
2) Given the output hold time as tHOLD (s), C2 is
expressed as follows:
2
)
MIN
(
OUT
2
OUT
HOLD
OUT
V
V
t
P
2
2
C
(F)
(14)
where,
tHOLD
: Output hold time (s)
VOUT(MIN) : Minmum output voltage of C2 during
output hold (V)
η
: Efficiency
9.3
PCB Trace Layout and Component
Placement
Since the PCB circuit trace design and the component
layout significantly affects operation, EMI noise, and
power dissipation, the high frequency PCB trace should
be low impedance with small loop and wide trace.
In addition, the ground traces affect radiated EMI noise,
and wide, short traces should be taken into account.
Figure 9-4 shows the circuit design example. Figure
9-5 shows the PCB pattern layout example around the
IC.
(1) Main Circuit Trace
This is the main trace containing switching currents,
and thus it should be as wide trace and small loop as
possible.
(2) Control Ground Trace Layout
Since the operation of the IC may be affected from
the large current of the main trace that flows in
control ground trace, the control ground trace should
be separated from main trace and connected at a
single point grounding of point A in Figure 9-4 as
close to the RCS as possible.
(3) RCS Trace Layout
RCS should be placed as close as possible to the
Source pin and the CS pin.
The peripheral components of the CS pin should be
connected by dedicated pattern from root of RCS.
The connection between the power ground of the
main trace and the IC ground should be at a single
point ground which is close to the base of RCS.
(4) Peripheral Component of the IC
The components for control connected to the IC
should be placed as close as possible to the IC, and
should be connected as short as possible to the each
pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com