Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9554 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9554
Description  Quad PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9554 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9554 Datasheet HTML 45Page - Analog Devices AD9554 Datasheet HTML 46Page - Analog Devices AD9554 Datasheet HTML 47Page - Analog Devices AD9554 Datasheet HTML 48Page - Analog Devices AD9554 Datasheet HTML 49Page - Analog Devices AD9554 Datasheet HTML 50Page - Analog Devices AD9554 Datasheet HTML 51Page - Analog Devices AD9554 Datasheet HTML 52Page - Analog Devices AD9554 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 116 page
background image
Data Sheet
AD9554
Rev. D | Page 49 of 116
SERIAL CONTROL PORT
The AD9554 serial control port is a flexible, synchronous serial
communications port that provides a convenient interface to
many industry-standard microcontrollers and microprocessors.
The AD9554 serial control port is compatible with most
synchronous transfer formats, including I2C, Motorola SPI, and
Intel SSR protocols. The serial control port allows read/write
access to the AD9554 register map.
The AD9554 uses the Analog Devices unified SPI protocol (see
Analog Devices Serial Control Interface Standard). The unified
SPI protocol guarantees that all new Analog Devices products
using the unified protocol have consistent serial port
characteristics. The SPI port configuration is programmable via
Register 0x0000. This register is a part of the SPI control logic
rather than in the register map and is distinct from the I2C
Register 0x0000.
Unified SPI differs from the SPI port found on older products
like the AD9557 and AD9558 in the following ways:
Unified SPI does not have byte counts. A transfer is
terminated when the CS pin goes high. The W1 and W0
bits in the traditional SPI become the A12 and A13 bits of
the register address. This is similar to streaming mode in
the traditional SPI.
The address ascension bit (Register 0x0000) controls
whether register addresses are automatically incremented
or decremented regardless of the LSB/MSB first setting. In
traditional SPI, LSB first dictated autoincrements and MSB
first dictated autodecrements of the register address.
Devices that adhere to the unified serial port have a
consistent structure of the first 16 register addresses.
Although the AD9554 supports both the SPI and I2C serial port
protocols, only one is active following power-up (as determined
by the M0, M5, M6, and M7 multifunction pins during the
start-up sequence). The only way to change the serial port
protocol is to reset (or power cycle) the device.
SPI/I²C PORT SELECTION
Because the AD9554 supports both SPI and I2C protocols, the
active serial port protocol depends on the logic state of M0, M5,
M6, and M7 pins at reset or power-on. See Table 22 for the I2C
address assignments.
SPI SERIAL PORT OPERATION
Pin Descriptions
The SCLK (serial clock) pin serves as the serial shift clock. This
pin is an input. SCLK synchronizes serial control port read and
write operations. The rising edge SCLK registers write data bits,
and the falling edge registers read data bits. The SCLK pin
supports a maximum clock rate of 50 MHz.
The SPI port supports both 3-wire (bidirectional) and 4-wire
(unidirectional) hardware configurations and both MSB-first
and LSB-first data formats. Both the hardware configuration
and data format features are programmable. The 3-wire mode
uses the SDIO (serial data input/output) pin for transferring
data in both directions. The 4-wire mode uses the SDIO pin for
transferring data to the AD9554, and the SDO pin for
transferring data from the AD9554.
The CS (chip select) pin is an active low control that gates read
and write operations. Assertion (active low) of the CS pin
initiates a write or read operation to the AD9554 SPI port. Any
number of data bytes can be transferred in a continuous stream.
The register address is automatically incremented or decremented
based on the setting of the address ascension bit (Register 0x0000).
CS must be deasserted at the end of the last byte transferred,
thereby ending the stream mode. This pin is internally
connected to a 10 kΩ pull-up resistor. When CS is high, the
SDIO and SDO pins go into a high impedance state.
Implementation Specific Details
A detailed description of the unified SPI protocol can be found
in the AN-877 Application Note, which covers items such as
timing, command format, and addressing.
The following product specific items are defined in the unified
SPI protocol:
Analog Devices unified SPI protocol revision: 1.0
Chip type: 0x5
Product ID: 0x009
Physical layer: 3- and 4-wire supported and 1.5 V, 1.8 V,
and 2.5 V operation supported
Optional single-byte instruction mode: not supported
Data link: not used
Control: not used
Communication Cycle—Instruction Plus Data
The unified SPI protocol consists of a two-part communication
cycle. The first part is a 16-bit instruction word that is
coincident with the first 16 SCLK rising edges and a payload.
The instruction word provides the AD9554 serial control port
with information regarding the payload. The instruction word
includes the R/W bit that indicates the direction of the payload
transfer (that is, a read or write operation). The instruction
word also indicates the starting register address of the first
payload byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com