Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HEST12LM Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HEST12LM
Description  Industrial Ethernet Layer-3 Core Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HEST12LM Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HEST12LM Datasheet HTML 1Page - List of Unclassifed Manufacturers HEST12LM Datasheet HTML 2Page - List of Unclassifed Manufacturers HEST12LM Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Tel:860-487-9869
www.henrich-inc.com
HEST12LM
Series05563ds - 2/3
©2016 Henrich Corporation. All rights reserved
HEST12LM series switches are designed for the backbone communications for the critical on-board train communications. Bridged
between multiple and complex industrial networks, HEST12LM switches are designed to ensure that robust and highly efficient
network communications are guaranteed for the critical tasks within a train.
Compliant with IEC61375、EN51055 and EN50121 standards, and working under extreme temperatures (-40°C to +75°C), these
highly compactly-designed industrial switches can meet any hazardous environments while providing robust communication
requirements for critical applications such as train traction and/or braking command requirements through these reliable devices.
Support up to 12 10/100BaseT(X) M12 Ethernet ports , and dual-powered by 24-160VDC (type:48VDC/110VDC) power supplies, this
line of switches provide a full set of network data management functions such as redundancy recovery, VLAN, QoS, IGMP, Trunking,
SNMP, etc., in addition to the hardened M12 connector and IP67 enclosure protection. These devices have an average MTBF of
438,000 hours. They all can be wall-mounted.
Technology
IEEE Standards:
IIEEE802.3、IEEE802.3u、IEEE802.3z 、
IEEE802.3x、IEEE802.3ad、IEEE802.1p、
IEEE802.3ab、IEEE802.1Q、IEEE802.1d、I
EEE802.1s
Processing Type:
Store and Forward
MAC Address:
16k
L3 table:
4k
Management:
Web+CLI
RingOn™:
Recovery time<15ms
Flow Control:
IEEE802.3x Flow Control,Back Pressure
Flow Control
L3 Protocol:
Static IP routing、RIPv1/v2、
VRRP、IGMPv2/v3 Snooping、IGMP
PROXY、ACL、NAT、Port Mirroring
Protocol:
IGMP Snooping, GMRP, SNMPv1/v2c/v3,
DHCP Client, SNTP, HTTP, HTTPS, Telnet,
NTP Client
Software:
• System log setting
• Web server password setting
• IP access control(Accessible IP)
• Port setting
• IP setting
• Time setting(Local Time/NTP Time)
• QoS、802.1P、DSCP、ToS DiffServe
• IGMP Snooping
• Broadcast Storm control
• Traffic control
• Port Mirroring
• Static MAC Address Forwarding (Unicast
and Multicast)
• SNMP V1/V2
• Diagnostics
• Email/Relay Alarm Notification
• Flow statistics
• MAC Table
• Log
• Firmware upgrade
• Parameters backup
• Factory reset
Connector
Ethernet port:
12 x 10/100M
Management
port:
1 x Console ,M12 Connector
Alarm:
1 x Alarm,M12 Connector
Power supply:
1 x Power Supply Port, M12 connector
Mechanics
Enclosure:
IP67,High Strength Aluminium
Installation:
Wall mounted
Dimension:
L* W * H: 177*51.5*117mm
Weight:
1200g
Power:
20W(MAX)
Cooling:
Fanless
Environment Limits
Storage
Temperature:
-40~85℃
Operation
Temperature:
-40~75℃
Relative
Humidity:
5~95%RH
Ingress
Protection:
IP67
MTBF:
Above 30 Years
Certifications
Rail Traffic:
EN50155, EN50121-3-2
EMI:
FCC Part 15 Subpart B Class A,EN 55022
Class A
EMS:
EN 61000-4-2 (ESD) Level 3
EN 61000-4-3 (RS) Level 3
EN 61000-4-4 (EFT) Level 3
EN 61000-4-5 (Surge) Level 3
EN 61000-4-6 (CS) Level 3
EN 61000-4-8
EN 61000-4-11
Freefall:
IEC60068-2-32
Vibration:
IEC61373
Introduction
Specifications



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com