Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1106 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P1106
Description  POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P1106 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P1106 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P1106 SERIES
• PowerInductorsforDigitalAmplifiers
• Madewithflatwireforcompactsize
• Low radiation noise due to magnetically shielded construction
• Small, low resistance and high current
• OperatingFrequencyupto1MHz
• Inductancerangefrom10μHto33μH
• Operating Temperature -40ºC to +125ºC
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
P1106-
L
(μH)
±20%
DCR
(mΩ)
MAX
I
SAT
(A)
MAX
I
RMS
(A)
MAX
W DIM
(mm)
±0.5
P DIM
(mm)
±0.3
T DIM
(mm)
±0.1
100M
10
5.9
8.3
7.8
7.6
3.3
0.50
150M
15
8.3
7.5
7.3
9.6
4.4
0.50
220M
22
10.0
7.0
6.6
9.6
5.3
0.50
270M
27
15.7
6.5
5.4
9.6
4.4
0.33
330M
33
17.5
6.1
5.1
9.6
5.3
0.33
Note:
1.
Inductance measured @ 1KHz 0.10V
RMS
2.
I
SAT: Inductance drops 25% max from initial value
3.
I
RMS: ΔT of 40°C rise max from ambient temperature
4.
Inductance tolerance M=20
5.
Suffix letter represents standard tolerance
6.
Marking: Value of Inductance
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
POWER INDUCTOR
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
SCHEMATIC
DIMENSIONS (mm)


Similar Part No. - P1106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P110 ETC2-P110 Datasheet
649Kb / 4P
SSMP MALE STRAIGHT 50 OHM LOAD TERMINATION
logo
TT Electronics.
P110 TTELEC-P110 Datasheet
629Kb / 4P
Panel Potentiometer
logo
List of Unclassifed Man...
P110-6000 ETC1-P110-6000 Datasheet
140Kb / 8P
INTELLIMISTTM Residential Atomizing Humidifier and Control
P110-6001 ETC1-P110-6001 Datasheet
140Kb / 8P
INTELLIMISTTM Residential Atomizing Humidifier and Control
logo
UN Semiconducctor INC
P1100DM UNSEMI-P1100DM Datasheet
2Mb / 6P
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
More results

Similar Description - P1106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com