Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1108 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P1108
Description  POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P1108 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P1108 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P1108 SERIES
• PowerInductorsforDigitalAmplifiers
• Madewithflatwireforcompactsize
• Low radiation noise due to magnetically shielded construction
• Small, low resistance and high current
• OperatingFrequencyupto1MHz
• Inductancerangefrom10μHto22μH
• Operating Temperature -40ºC to +125ºC
• RoHS Compliant Product
• Custom Design Available
ELECTRICAL PARAMETERS @ 25°C
Part Number
P1108-
L
(μH)
±20%
DCR
(mΩ)
MAX
I
SAT
(A)
MAX
I
RMS
(A)
MAX
W DIM
(mm)
±0.5
P DIM
(mm)
±0.3
T DIM
(mm)
±0.1
100M
10
12.3
13.5
6.2
7.6
3.3
0.50
200M
22
17.5
9.0
5.1
9.6
4.4
0.50
Note:
1.
Inductance measured @ 1KHz 0.10V
RMS
2.
I
SAT: Inductance drops 25% max from initial value
3.
I
RMS: ΔT of 40°C rise max from ambient temperature
4.
Inductance tolerance M=20%
5.
Suffix letter represent standard tolerance
6.
Marking: Value of Inductance
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
POWER INDUCTOR
DIMENSIONS (mm)
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.015
.XXX : ±0.004
mm: X,X : ±0,38
X,XX : ±0,10
SCHEMATIC


Similar Part No. - P1108

ManufacturerPart #DatasheetDescription
logo
DB Unlimited.
P11080-1 DBUNLIMITED-P11080-1 Datasheet
553Kb / 1P
Released from Engineering
More results

Similar Description - P1108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R0612-8R2K ETC1-R0612-8R2K Datasheet
38Kb / 1P
Power Inductor
logo
Sumida Corporation
CDRC62 SUMIDA-CDRC62 Datasheet
228Kb / 2P
Power Inductor
CDRR127 SUMIDA-CDRR127 Datasheet
32Kb / 1P
Power Inductor
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C2DEP1010 SUMIDA-C2DEP1010 Datasheet
206Kb / 3P
Power Inductor
CDEP1411 SUMIDA-CDEP1411 Datasheet
222Kb / 4P
Power Inductor
CDRH8D38A SUMIDA-CDRH8D38A_11 Datasheet
170Kb / 4P
Power Inductor
CDRR75 SUMIDA-CDRR75 Datasheet
174Kb / 4P
Power Inductor
CDRR107 SUMIDA-CDRR107_11 Datasheet
153Kb / 4P
Power Inductor
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
Chip Inductor Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com