Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXBOD1 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXBOD1
Description  Breakover Diode Gen
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1 Datasheet(HTML) 5 Page - IXYS Corporation

  IXBOD1 Datasheet HTML 1Page - IXYS Corporation IXBOD1 Datasheet HTML 2Page - IXYS Corporation IXBOD1 Datasheet HTML 3Page - IXYS Corporation IXBOD1 Datasheet HTML 4Page - IXYS Corporation IXBOD1 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2013 IXYS All rights reserved
5 - 5
20130822a
IXBOD1
IXYS reserves the right to change limits, test conditions and dimensions.
Data according ot IEC 60747 and per semiconductor unless otherwise specified
t
p
[µs]
E
p
[Ws]
10-1
10-2
10-3
10-4
10-1
100
101
102
160
120
80
60
40
20
10
5
2
1
I
TM = 200 A
E
p
[Ws]
t
p
[µs]
I
TM = 200 A
160
120
80
60
40
20
10
5
2
1
10-1
10-2
10-3
10-4
10-1
100
101
102
Fig. 1 Energy per pulse for trapezoidal current
waveforms (see waveform definition)
Fig. 2 Energy per pulse for exponentially decaying
current pulse (see waveform definition)
V
T
[V]
20
10
8
6
4
2
1
1
10
100
I
T
[A]
Fig. 3 On-state voltage
T
VJ = 125°C
T
VJ = 25°C
0.01
0.1
1
10
100
1000
t [s]
100
10
1
0.1
Z
thJA
[K/W]
Fig. 4 Transient thermal resistance
V
a = 0 m/s
V
a = 2 m/s
Diode



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com