Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SB5VC Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EE-SB5VC
Description  Photomicrosensor with 80-mA Switching Capacity that can be Built into Equipment
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EE-SB5VC Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EE-SB5VC Datasheet HTML 1Page - List of Unclassifed Manufacturers EE-SB5VC Datasheet HTML 2Page - List of Unclassifed Manufacturers EE-SB5VC Datasheet HTML 3Page - List of Unclassifed Manufacturers EE-SB5VC Datasheet HTML 4Page - List of Unclassifed Manufacturers EE-SB5VC Datasheet HTML 5Page - List of Unclassifed Manufacturers EE-SB5VC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
EE-SB5M/SB5MC/SB5V/SB5VC/SB5V-E
EE-SB5M/SB5MC/SB5V/SB5VC/SB5V-E
Specifications Table -- continued from previous page
Item
Reflective
EE-SB5M
EE-SB5MC
EE-SB5V(-E)
EE-SB5VC
Control output
At 5 to 24 VDC: 80-mA load current (IC) with a residual voltage of 0.8 V max.
When driving TTL: 40-mA load current (IC) with a residual voltage of 0.4 V max.
Output
configuration
Transistor on output stage
without detecting object
OFF
ON
OFF
ON
Transistor on output stage
with detecting object
ON
OFF
ON
OFF
Response frequency*
50 Hz
Connecting method
EE-1001/1006 Connectors; soldering terminals
Light source
GaAs infrared LED with a peak wavelength of 940 nm
Receiver
Si photo-transistor with a sensing wavelength of 850 nm max.
*The response frequency was measured by detecting the following disks rotating.
Disk
15 mm
15 mm
15 mm
5mm
200 mm
dia.
 CHARACTERISTICS
Ambient temperature
Operating
-25
°Cto55°C (-13°F to 131°F)
Storage
-30
°Cto80°C (-22°F to 176°F)
Ambient humidity
Operating
45% to 85%
y
Storage
35% to 95%
Vibration resistance
Destruction: 20 to 2,000 Hz (with a peak acceleration of 20G’s), 1.5-mm double amplitude for
4 min each in X, Y, and Z directions
Shock resistance
Destruction: 500 m/s2 for 3 times each in X, Y, and Z directions
Soldering heat resistance
260
°±5°C (See Note.) when the portion between the tip of the terminals and the position
1.5 mm from the terminal base is dipped into the solder for 10
±1 seconds
Note: This conforms to MIL-STD-750-2031-1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com