Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6MBP15RH Datasheet(PDF) 2 Page - Fuji Electric

Part # 6MBP15RH
Description  Intelligent Power Module ( RH-Series )
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP15RH Datasheet(HTML) 2 Page - Fuji Electric

  6MBP15RH Datasheet HTML 1Page - Fuji Electric 6MBP15RH Datasheet HTML 2Page - Fuji Electric 6MBP15RH Datasheet HTML 3Page - Fuji Electric 6MBP15RH Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
6MBP 15RH-060
IGBT IPM
600V
6×15A
n
n Equivalent Circuit
Drivers include following functions
À Over-current protection circuit
Á Amplifier for driver
 Under-voltage protection circuit
à IGBT Chip overheating protection



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com