Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LX1G03 Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LX1G03
Description  SINGLE 2-INPUT OPEN DRAIN NAND GATE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LX1G03 Datasheet(HTML) 5 Page - STMicroelectronics

  74LX1G03 Datasheet HTML 1Page - STMicroelectronics 74LX1G03 Datasheet HTML 2Page - STMicroelectronics 74LX1G03 Datasheet HTML 3Page - STMicroelectronics 74LX1G03 Datasheet HTML 4Page - STMicroelectronics 74LX1G03 Datasheet HTML 5Page - STMicroelectronics 74LX1G03 Datasheet HTML 6Page - STMicroelectronics 74LX1G03 Datasheet HTML 7Page - STMicroelectronics 74LX1G03 Datasheet HTML 8Page - STMicroelectronics 74LX1G03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74LX1G03
5/10
TEST CIRCUIT
RT =ZOUT of pulse generator (typically 50Ω)
TEST CIRCUIT AND WAVEFORM SYMBOL VALUE
WAVEFORM: PROPAGATION DELAY (f=1MHz; 50% duty cycle)
Symbol
VCC
1.65 to 1.95V
2.3 to 2.7V
2.7 to 5.5V
CL
30pF/50pF
30pF/50pF
50pF
RL=R1
1000
Ω
500
Ω
500
Ω
VIH
VCC
VCC
VCC
VM
VCC/2
VCC/2
VCC/2
tr =tr
<2.0ns
<2.0ns
<2.5ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com