Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATF750LVC-15SC Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATF750LVC-15SC
Description  High-speed Complex Programmable Logic Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC-15SC Datasheet(HTML) 2 Page - ATMEL Corporation

  ATF750LVC-15SC Datasheet HTML 1Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 2Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 3Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 4Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 5Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC-15SC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ATF750LVC
2
CMOS (electrically-erasable) complex programmable logic
device (CPLD) that utilizes Atmel’s proven electrically-eras-
able technology.
Each of the ATF750LVC’s 22 logic pins can be used as an
input. Ten of these can be used as inputs, outputs or bi-
directional I/O pins. Each flip-flop is individually config-
urable as either D- or T-type. Each flip-flop output is fed
back into the array independently. This allows burying of all
the sum terms and flip-flops.
There are 171 total product terms available. There are two
sum terms per output, providing added flexibility. A variable
format is used to assign between four to eight product
terms per sum term. Much more logic can be replaced by
this device than by any other 24-pin PLD. With 20 sum
terms and flip-flops, complex state machines are easily
implemented with logic to spare.
Product terms provide individual clocks and asynchronous
resets for each flip-flop. Each flip-flop may also be individu-
ally configured to have direct input pin controlled clocking.
Each output has its own enable product term. One product
term provides a common synchronous preset for all flip-
flops. Register preload functions are provided to simplify
testing. All registers automatically reset upon power-up.
Absolute Maximum Ratings*
Temperature Under Bias.................................. -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Note:
1.
Minimum voltage is -0.6V DC, which may under-
shoot to -2.0V for pulses of less than 20 ns.
Maximum output pin voltage is V
CC + 0.75V DC,
which may overshoot to 4.6V for pulses of less
than 20 ns.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with
Respect to Ground .........................................-2.0V to +4.6V
(1)
Voltage on Input Pins
with Respect to Ground
During Programming.....................................-2.0V to +14.0V
(1)
Programming Voltage with
Respect to Ground .......................................-2.0V to +14.0V
(1)
DC and AC Operating Conditions
3.3V Operation
Commercial
Industrial
Operating Temperature (Ambient)
0°C - 70°C
-40°C - +85°C
V
CC Power Supply
3.0 - 3.6V
3.0 -
=3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com