Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTC04-DB-FastLoader Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # PTC04-DB-FastLoader
Description  Programmer for Melexis PTC Devices
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

PTC04-DB-FastLoader Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  PTC04-DB-FastLoader Datasheet HTML 1Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 2Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 3Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 4Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 5Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 6Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 7Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 8Page - Melexis Microelectronic Systems PTC04-DB-FastLoader Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PTC04
Programmer for Melexis PTC Devices
3901290014501
Page 2 of 15
Data Sheet
Rev 004
December/14
Product Code
Description
DLL for Mini-Tester (Windows)
DLL’s for all supported products (Windows)
User Interface for most support products (Windows)
5.
Functional Diagram
Figure 5-1 PTC04 Functional Block Diagram
6.
General Description
The PTC-04 programmer was designed for efficient, precise calibration of the Melexis families of
programmable ICs. The programmer is designed to be easily adapted to a standard PC and to an
application module to allow calibration of programmable sensor ICs within the operating environment. The
PTC-04 programmer contains its own programmable power supply and measurement circuitry. The
programmer is similar to a standard EEPROM programmer, but adds many special features such as 16 bit
voltage and current measurement capability, and configuration options that will accommodate users from
the prototyping phase directly into production. An IBM compatible PC is required (not included) to load
software to the programmer and control the functions of the programmer.
Communication is done through a standard RS-232 null modem cable to a COM port of the PC or via
USB. The PC requires no custom configuration, allowing the programmer to be used with any PC with a
COM port speed of 115.2kbs or a standard USB 1.1 or USB 2.0 interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com