Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72015 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72015
Description  433MHz FSK/ASK Transmitter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72015 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72015 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72015 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TH72015
433MHz
FSK/ASK Transmitter
Page 1 of 21
REVISION 012 - JUNE 14, 2017
3901072015
Features and Benefits
Fully integrated PLL-stabilized VCO
Frequency range from 380 MHz to 450 MHz
Single-ended RF output
FSK through crystal pulling allows
modulation from DC to 40 kbit/s
High FSK deviation possible for wideband
data transmission
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
Wide power supply range from 1.95V to 5.5V
Very low standby current
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency
independently adjustable
Adjustable output power range from
-12 dBm to +10 dBm
Adjustable current consumption from
3.4 mA to 10.6 mA
Conforms to EN 300 220 and similar
standards
10-pin quad flat no lead (QFN) package
Application Examples
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Automatic Meter Reading (AMR)
Alarm and security systems
Garage door openers
Home and building automation
Low-power telemetry
Wireless access control
Pin Description
top view
O UT
VEE
VCC
V EE
PSEL
ENTX
FSKDTA
FSKSW
ROI
ASKDTA
Ordering information
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72015
K
LD
BAA-000
RE
TH72015
K
LD
BAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
LD for QFN double
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72015KLD-BAA-000-RE
General Description
The TH72015 FSK/ASK transmitter IC is designed for applications in the European 433 MHz industrial-scientific-medical
(ISM) band, according to the EN 300 220 telecommunications standard; but it can also be used in any other country
with similar frequency bands.
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The integrated PLL
synthesizer ensures that each RF value, ranging from 380 MHz to 450 MHz, can be achieved by using a crystal with a
reference frequency according to: fref = fc/N, where N = 32 is the PLL feedback divider ratio.


Similar Part No. - TH72015

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015 Datasheet
807Kb / 20P
FSK/ASK Transmitter
TH72015KLD MELEXIS-TH72015KLD Datasheet
559Kb / 20P
433MHz FSK/ASK Transmitter
TH72015KLD-BAA-000-RE MELEXIS-TH72015KLD-BAA-000-RE Datasheet
807Kb / 20P
FSK/ASK Transmitter
TH72015KLD-BAA-000-TU MELEXIS-TH72015KLD-BAA-000-TU Datasheet
807Kb / 20P
FSK/ASK Transmitter
More results

Similar Description - TH72015

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72015 MELEXIS-EVB72015 Datasheet
647Kb / 14P
433MHz FSK/ASK Transmitter Evaluation Board Description
EVB72016 MELEXIS-EVB72016 Datasheet
515Kb / 12P
433MHz FSK/ASK Transmitter Evaluation Board Description
TH72016 MELEXIS-TH72016 Datasheet
339Kb / 16P
433MHz FSK/ASK Transmitter
TH72015 MELEXIS-TH72015 Datasheet
559Kb / 20P
433MHz FSK/ASK Transmitter
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
433MHz ASK Transmitter
TH72011 MELEXIS-TH72011 Datasheet
529Kb / 20P
433MHz FSK Transmitter
MLX72013 MELEXIS-MLX72013_17 Datasheet
962Kb / 21P
433MHz FSK/ASK Transmitter
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
TH72011 MELEXIS-TH72011_17 Datasheet
1Mb / 21P
433MHz FSK Transmitter
TH72016 MELEXIS-TH72016_17 Datasheet
885Kb / 16P
433MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com