Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72016 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH72016
Description  433MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72016 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH72016 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72016 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
TH72016
433MHz
FSK/ASK Transmitter
Page 5 of 16
REVISION 010 - JUNE 14, 2017
3901072016
f min
fc
f
fmax
eff
CL
eff
CL
R1
C1
C0
L1
XTAL
CL
CX1 CRO
CX1+CRO
(CX1+CX2) CRO
CX1+CX2+CRO
2.2. FSK Modulation
FSK modulation can be achieved by pulling the
crystal oscillator frequency. A CMOS-compatible
data stream applied at the pin FSKDTA digitally
modulates the XOSC via an integrated NMOS
switch. Two external pulling capacitors CX1 and CX2
allow the FSK deviation f and the center frequency
fc to be adjusted independently. At FSKDTA = 0, CX2
is connected in parallel to CX1 leading to the low-
frequency component of the FSK spectrum (fmin);
while at FSKDTA = 1, CX2 is deactivated and the
XOSC is set to its high frequency fmax.
An external reference signal can be directly AC-
coupled to the reference oscillator input pin ROI.
Then the transmitter is used without a crystal. Now
the reference signal sets the carrier frequency and
may also contain the FSK (or FM) modulation.
Fig. 2: Crystal pulling circuitry
FSKDTA
Description
0
fmin= fc - f (FSK switch is closed)
1
fmax= fc + f (FSK switch is open)
2.3. Crystal Pulling
A crystal is tuned by the manufacturer to the
required oscillation frequency f0 at a given load
capacitance CL and within the specified calibration
tolerance. The only way to pull the oscillation
frequency is to vary the effective load capacitance
CLeff seen by the crystal.
Figure 3 shows the oscillation frequency of a crystal
as a function of the effective load capacitance. This
capacitance changes in accordance with the logic
level of FSKDTA around the specified load
capacitance. The figure illustrates the relationship
between the external pulling capacitors and the
frequency deviation.
It can also be seen that the pulling sensitivity
increases with the reduction of CL. Therefore,
applications with a high frequency deviation require
a low load capacitance. For narrow band FSK
applications, a higher load capacitance could be
chosen in order to reduce the frequency drift
caused by the tolerances of the chip and the
external pulling capacitors.
Fig. 3: Crystal pulling characteristic
For ASK applications CX2 can be omitted. Then CX1 has to be adjusted for center frequency.
CX2
VCC
XTAL
CX1
ROI
FSKSW
VEE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com