Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH72036 Datasheet(PDF) 7 Page - Melexis Microelectronic Systems

Part # TH72036
Description  868/915MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72036 Datasheet(HTML) 7 Page - Melexis Microelectronic Systems

Back Button TH72036 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 9Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 10Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 11Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TH72036
868/915MHz
FSK/ASK Transmitter
Page 7 of 16
REVISION 010 - JUNE 14, 2017
3901072036
2.8. Mode Control Logic
The mode control logic allows two different modes
of operation as listed in the following table. The
mode control pin EN is pulled-down internally. This
guarantees that the whole circuit is shut down if
this pin is left floating.
EN
Mode
Description
0
TX standby
TX disabled
1
TX active
CKOUT active
TX / CKOUT
enabled
2.9. Clock Output
The clock output CKOUT is CMOS-compatible and can be used to drive a microcontroller. The frequency of the clock
can be selected by the clock divider control signal CKDIV, according to the following table.
A capacitor at pin CKOUT can be used to control the clock voltage swing and the RF spurious emission.
CKDIV
Clock divider ratio
Clock frequency / fc=868.3MHz
0
8
3.39MHz
1
32
848kHz
2.10. Timing Diagrams
After enabling the transmitter by the EN signal, the power amplifier remains inactive for the time ton, the transmitter
start-up time. The crystal oscillator starts oscillation and the PLL locks to the desired output frequency within the time
duration ton. After successful PLL lock, the LOCK signal turns on the power amplifier, and then the RF carrier can be FSK
or ASK modulated.
Fig. 5: Timing diagrams for FSK and ASK modulation
RF carrier
low
low
high
high
LOCK
FSKDTA
t
low
high
EN
t on
EN
low
low
high
high
LOCK
PSEL
t
low
high
t on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com