Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC5801 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5801
Description  High Speed Low Noise Voltage Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5801 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  CLC5801 Datasheet HTML 1Page - National Semiconductor (TI) CLC5801 Datasheet HTML 2Page - National Semiconductor (TI) CLC5801 Datasheet HTML 3Page - National Semiconductor (TI) CLC5801 Datasheet HTML 4Page - National Semiconductor (TI) CLC5801 Datasheet HTML 5Page - National Semiconductor (TI) CLC5801 Datasheet HTML 6Page - National Semiconductor (TI) CLC5801 Datasheet HTML 7Page - National Semiconductor (TI) CLC5801 Datasheet HTML 8Page - National Semiconductor (TI) CLC5801 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical Characteristics (Continued)
(T
A= 25˚C, VCC = ±5V, Rg = 26.1Ω,Rf= 499Ω,RL= 100Ω; unless specified).
Symbol
Parameter
Conditions
Typ
Min/Max Ratings
(Note 2)
Units
+25˚C
−40˚C
+25˚C
+85˚C
Miscellaneous Performance
RINC
Input Resistance
Common-Mode
2
0.6
1.6
1.6
M
Ω
RIND
Differential-Mode
6133
k
Ω
CINC
Input Capacitance
Common-Mode
1.5
3
3
3
pF
CIND
Differential-Mode
1.9
3
3
3
pF
ROUT
Output Resistance
Closed Loop
5
50
10
10
m
Ω
VO
Output Voltage Range
R
L = ∞
±3.8
±3.5
±3.7
±3.7
V
VOL
R
L = 100Ω
±3.4
±2.8
±3.2
±3.2
V
CMIR
Input Voltage Range
Common-Mode
±3.8
±3.4
±3.5
±3.5
V
IOP
Output Current
Source
80
60
65
65
mA
ION
Sink
80
40
55
55
Note 1: “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices
should be operated at these limits. The table of “Electrical Characteristics” specifies conditions of device operation. Operating Ratings indicate conditions for which
the device is intended to be functional, but specific performance is not guaranteed,
Note 2: Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined
from tested parameters.
Note 3: 100% tested at +25˚C.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com