Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMM1321 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CMM1321
Description  1.85 to 1.91 GHz 5V, 28.5 dBm, PCS Power Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CMM1321 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CMM1321 Datasheet HTML 1Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 2Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 3Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 4Page - List of Unclassifed Manufacturers CMM1321 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
3236 Scott Boulevard
Santa Clara, California 95054
Phone: (408) 986-5060
Fax: (408) 986-5095
Parameter
Condition
Min
Typ
Max
Units
Frequency Range
1.85
1.91
GHz
Gain
@ Digital power output
22
24
dB
Power Output
Meets J-STD-018 CDMA mask
28.0
28.5
dBm
Harmonics
2nd @ Digital power output
-35
-30
dBc
3rd @ Digital power output
-40
-35
dBc
Noise Figure
4.5
5.0
dB
Return Loss
10
dB
Efficiency
Pout CDMA
27
30
%
Positive Supply Current (Id)
Pout CDMA
500
mA
Quiescent Current (Iq)
No RF
250
mA
Negative Supply Current (-Ig)
0.5
1.0
mA
Negative Supply Voltage (-Vg)
-1.3
-1.7
-2.2
V
CMM1321
Features
t 30% Linear Power Added Efficiency
t 28.5 dBm Output Power
(ANSI J-STD-018 CDMA)
t 24 dB Gain
t Tested Under Digital Modulation
t Low Cost SO-8 Surface Mount Package
Applications
t PCS Handsets
t PCS Base Stations
t Wireless Local Loop Subscriber Units
t 1.6 GHz Satellite Subscriber Units
Description
The CMM1321 is a 5 V linear power amplifier
intended for use in PCS handsets, wireless local loop sub-
scriber units and PCS base stations. The CMM1321 offers
maximum performance and flexibility. The amplifier is
designed to support the requirements of PCS CDMA (ANSI
J-STD-018) systems.
The CMM1321 is packaged in a low-cost, space effi-
cient SO-8 power package that gives excellent electrical stabili-
ty and thermal handling performance with a RΘ of less than
18° C/W. The part is designed to require minimal external cir-
cuitry for bias and matching, simplifying design and keeping
board space and cost to a minimum. Through matching adjust-
ment, equivalent performance can also be achieved for the 1.93
to 1.99 GHz PCS bands as well as the 1.6 GHz satellite bands.
1.85 to 1.91 GHz
5V, 28.5 dBm, PCS
Power Amplifier
Preliminary Product Information
November 1996
(1 of 5)
Back plane is ground and
must be soldered to thermally
conductive ground plane.
Vg2 4
RF IN 1
Vg1 3
GND 2
6 RF OUT/Vd2
5 RF OUT/Vd2
8 N/C
7 Vd1
Functional Block Diagram
Electrical Characteristics
Unless otherwise specified, the following specifications are guaranteed at room temperature with drain voltage (+Vd) = 4.8 V in Celeritek test fixture.
Absolute Maximum Ratings
Parameter
Rating
Parameter
Rating
Parameter
Rating
Drain Voltage (+Vd)
+9.0 V*
Power Dissipation
5 W
Operating Temperature
-40°C to +100°C
Drain Current (Id)
1.8 A
Thermal Resistance
18°C/W
Channel Temperature
175°C
RF Input Power
+15 dBm*
Storage Temperature
-65°C to +150°C
Soldering Temperature
260°C for 5 Sec.
DC Gate Voltage (-Vg)
-4.0 V*
Recommended Operating Conditions
Parameter
Typ
Units
Parameter
Typ
Units
Drain Voltage (+Vd)
4.5 to 5.1
Volts
Operating Temperature (PC Board)
-30 to +80
°C
* Max (+Vd) and (-Vg) under linear operation. Max potential difference across the device in RF compression (2Vd + |-Vg|) not to exceed the minimum breakdown voltage (Vbr) of +18V.


Similar Part No. - CMM1321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM1330 ETC1-CMM1330 Datasheet
34Kb / 2P
1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier
CMM1330-AK ETC1-CMM1330-AK Datasheet
34Kb / 2P
1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier
CMM1330-AK-000T ETC1-CMM1330-AK-000T Datasheet
34Kb / 2P
1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier
CMM1331-KU ETC1-CMM1331-KU Datasheet
375Kb / 2P
12.70 to 13.50 GHz 1.5 Watt Power Amplifier
logo
Mimix Broadband
CMM1331-SM MIMIX-CMM1331-SM Datasheet
574Kb / 3P
12.7 to 13.5 GHz 1.5 Watt Power Amplifier
More results

Similar Description - CMM1321

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM1530-LC ETC-CMM1530-LC Datasheet
451Kb / 4P
1.85 to 1.91 GHz 3.0V, 30 dBm, PCS/PCN LCC-8 Power Amplifier
CHP0230-PM ETC-CHP0230-PM Datasheet
414Kb / 4P
824 to 849 MHz 28.5 dBm, Cellular InGaP HBT Amplifier Module
CMM1330 ETC1-CMM1330 Datasheet
34Kb / 2P
1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier
logo
ANADIGICS, Inc
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 1.2
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6243R ANADIGICS-AWT6243R Datasheet
427Kb / 8P
HELP3TM 1.7 GHz/UMTS 3.4 V/28.5 dBm Linear Power Amplifier Module
Rev 2.3
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
11/2008
logo
Analog Devices
HMC7885 AD-HMC7885 Datasheet
304Kb / 11P
2 GHz to 6 GHz, 45 dBm Power Amplifier
1/2017-Revision 0
logo
Guerrilla RF, Inc.
GRF5010 GUERRILLA-GRF5010 Datasheet
1Mb / 18P
28.5 dBm Power-LNA™ Tuning Range: 0.05 – 6.0 GHz
10/01/19
GRF5518W GUERRILLA-GRF5518W Datasheet
5Mb / 25P
HIGH LINEARITY POWER AMPLIFIER 1.8 to 1.91 GHz
January 24, 2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com