Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28329PVC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY28329PVC
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329PVC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY28329PVC Datasheet HTML 1Page - Cypress Semiconductor CY28329PVC Datasheet HTML 2Page - Cypress Semiconductor CY28329PVC Datasheet HTML 3Page - Cypress Semiconductor CY28329PVC Datasheet HTML 4Page - Cypress Semiconductor CY28329PVC Datasheet HTML 5Page - Cypress Semiconductor CY28329PVC Datasheet HTML 6Page - Cypress Semiconductor CY28329PVC Datasheet HTML 7Page - Cypress Semiconductor CY28329PVC Datasheet HTML 8Page - Cypress Semiconductor CY28329PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 2 of 17
Pin Description
Name
Pins
Description
REF
56
3.3V 14.318-MHz clock output
XTAL_IN
2
14.318-MHz crystal input
XTAL_OUT
3
14.318-MHz crystal input
CPU, CPU [0:3]# 44, 45, 48, 49,
51, 52, 53, 54
Differential CPU clock outputs
3V66_0
33
3.3V 66-MHz clock output
3V66_1/VCH
35
3.3V selectable through SMBus to be 66 MHz or 48 MHz
66IN/3V66_5
24
66-MHz input to buffered 66BUFF and PCI or 66-MHz clock from internal VCO
66BUFF [0:2]
/3V66 [2:4]
21, 22, 23
66-MHz buffered outputs from 66Input or 66-MHz clocks from internal VCO
PCI_F [0:2]
5, 6, 7,
33-MHz clocks divided down from 66Input or divided down from 3V66
PCI [0:6]
10, 11, 12, 13, 16,
17, 18
PCI clock outputs divided down from 66Input or divided down from 3V66
USB
39
Fixed 48-MHz clock output
DOT
38
Fixed 48-MHz clock output
S2
40
Special 3.3V 3-level input for Mode selection
S1
55
3.3V LVTTL inputs for CPU frequency selection
IREF
42
A precision resistor is attached to this pin which is connected to the internal current
reference
MULT0
43
3.3V LVTTL input for selecting the current multiplier for the CPU outputs
PD#
25
3.3V LVTTL input for Power_Down# (active LOW). Do not add any decoupling capac-
itors. Use an external 1.0-K
Ω pull-up resistor.
PCI_STOP#
34
3.3V LVTTL input for PCI_STOP# (active LOW)
VTTPWRGD#
28
3.3V LVTTL input is a level-sensitive strobe used to determine when S[1:2] and
MULT0 inputs are valid and OK to be sampled (Active LOW). Once VTTPWRGD# is
sampled LOW, the status of this output will be ignored.
SDATA
29
SMBus-compatible SDATA
SCLK
30
SMBus-compatible Sclk
VDD_REF,
VDD_PCI,
VDD_3V66,
VDD_48 MHz,
VDD_CPU
1, 8, 14, 19, 32,
37, 46, 50
3.3V power supply for outputs
VDD_CORE
26
3.3V power supply for PLL
GND_REF,
GND_PCI,
GND_3V66,
GND_IREF,
VDD_CPU
4, 9, 15, 20, 31,
36, 41, 47
Ground for outputs
GND_CORE
27
Ground for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17