Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY28329ZCT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28329ZCT
Description  133-MHz Spread Spectrum Clock Synthesizer/Driver with Differential CPU Outputs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28329ZCT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28329ZCT Datasheet HTML 5Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 6Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 7Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 8Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 9Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 10Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 11Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 12Page - Cypress Semiconductor CY28329ZCT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
CY28329
Document #: 38-07040 Rev. *E
Page 9 of 17
Definition and Application of VTTPWRGD# Signal
VRM8.5
CPU
3.3V
VTTPWRGD#
NPN
CLOCK
GENERATOR
10K
10K
10K
10K
GMCH
S1
S0
3.3V
3.3V
VTTPWRGD#
BSEL0
BSEL1
Vtt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com