Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM5476J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM5476J
Description  Dual Master-Slave J-K Flip-Flops with Clear, Preset, and Complementary Outputs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM5476J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DM5476J Datasheet HTML 1Page - National Semiconductor (TI) DM5476J Datasheet HTML 2Page - National Semiconductor (TI) DM5476J Datasheet HTML 3Page - National Semiconductor (TI) DM5476J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Operating Free Air Temperature Range
DM54 and 54
b
55 Cto a125 C
DM74
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
DM5476
DM7476
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
08
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
16
16
mA
fCLK
Clock Frequency (Note 6)
0
15
0
15
MHz
tW
Pulse Width
Clock High
20
20
(Note 6)
Clock Low
47
47
ns
Preset Low
25
25
Clear Low
25
25
tSU
Input Setup Time (Notes16)
0
u
0
u
ns
tH
Input Hold Time (Notes16)
0
v
0
v
ns
TA
Free Air Operating Temperature
b
55
125
0
70
C
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC e Min II eb12 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
24
34
V
Voltage
VIL e Max VIH e Min
VOL
Low Level Output
VCC e Min IOL e Max
02
04
V
Voltage
VIH e Min VIL e Max
II
Input Current
Max
VCC e Max VI e 55V
1mA
Input Voltage
IIH
High Level Input
VCC e Max
J K
40
Current
VI e 24V
Clock
80
m
A
Clear
80
Preset
80
IIL
Low Level Input
VCC e Max
J K
b
16
Current
VI e 04V
Clock
b
32
mA
(Note 5)
Clear
b
32
Preset
b
32
IOS
Short Circuit
VCC e Max
DM54
b
20
b
55
mA
Output Current
(Note 3)
DM74
b
18
b
55
ICC
Supply Current
VCC e Max (Note 4)
18
34
mA
Note 1
The symbol (
u v) indicates the edge of the clock pulse is used for reference (u) for rising edge (v) for falling edge
Note 2
All typicals are at VCC e 5V TA e 25 C
Note 3
Not more than one output should be shorted at a time
Note 4
With all outputs open ICC is measured with the Q and Q outputs high in turn At the time of measurement the clock input is grounded
Note 5
Clear is measured with preset high and preset is measured with clear high
Note 6
TA e 25 C and VCC e 5V
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com