Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB08-600SWRG Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BTB08-600SWRG
Description  isc Thyristors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BTB08-600SWRG Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BTB08-600SWRG Datasheet HTML 1Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Thyristors
BTB08-600SWRG
DESCRIPTION
·
With TO-220 packaging
·
Can be operated in 3 quadrants
·
Advanced technology to provide customers with high
commutation performances
·
Minimum Lot-to-Lot variations for robust device performance
and reliable operation
APPLICATIONS
·
Switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MAX
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(AV)
Average on-state current
Tc=110℃
8
A
ITSM
Surge non-repetitive on-state current
50HZ
60HZ
80
84
A
PG(AV)
Average gate power dissipation ( over any 20 ms period ) @ Tc=125℃
1
W
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
IRRM
Repetitive peak reverse current
VR=VRRM Rated;
VD=VDRM Rated;
Tj=25℃
Tj=125℃
5
3
μ
A
mA
IDRM
Repetitive peak off-state current
VTM
On-state voltage
IT=11A;tP=380μs
1.55
V
IGT
Gate-trigger current
VD =12V;RL=30Ω;
Ⅰ
10
mA
Ⅱ
10
Ⅲ
10
VGT
Gate-trigger voltage
VD =12V;RL=30Ω;
1.3
V
Rth( j-c)
Junction to case
1.6
℃
/W


Similar Part No. - BTB08-600SWRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB08-600SWRG STMICROELECTRONICS-BTB08-600SWRG Datasheet
129Kb / 11P
8A TRIACS
13-Feb-2006
BTB08-600SWRG STMICROELECTRONICS-BTB08-600SWRG Datasheet
151Kb / 12P
Snubberless?? logic level and standard 8 A Triacs
10-Mar-2010
BTB08-600SWRG STMICROELECTRONICS-BTB08-600SWRG Datasheet
274Kb / 21P
Snubberless™, logic level and standard 8 A Triacs
09-Aug-2018
More results

Similar Description - BTB08-600SWRG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com