Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EB38 Datasheet(PDF) 1 Page - Motorola, Inc

Part # EB38
Description  MEASURING THE INTERMODULATION DISTORTION OF LINEAR AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

EB38 Datasheet(HTML) 1 Page - Motorola, Inc

  EB38 Datasheet HTML 1Page - Motorola, Inc EB38 Datasheet HTML 2Page - Motorola, Inc EB38 Datasheet HTML 3Page - Motorola, Inc EB38 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
RF Application Reports
MEASURING THE INTERMODULATION DISTORTION
OF LINEAR AMPLIFIERS
Prepared by: Helge Granberg
Circuits Engineer, SSB
The measured distortion of a linear amplifier, normally
called Intermodulation Distortion (IMD), is expressed as the
power in decibels below the amplifier’s peak power or below
that of one of the tones employed to produce the complex
test signal.
A signal of three or more tones is used in certain video
IMD tests, but two tones are common for HF SSB. The
two-tone test signal provides a standard, controlled test
method, whereas the human voice contains an unknown
number of frequencies of various amplitudes and couldn’t
be used for accurate power and linearity measurements.
Separation of the two tones, for voice operation equipment,
may be from 300 Hz to 3 kHz, 1 kHz being a standard
adopted by the industry.
Generation of the Test Signal
The two-tone IMD test signal can be generated by a
number of means of which the following three are the most
common:
System A — A two-tone audio signal is formed by
algebraically adding two sine wave voltages of equal
amplitude which are not harmonically related, e.g., 800 Hz
and 1.8 kHz. This two-tone audio signal is fed into a balanced
modulator together with an RF carrier, one sideband filtered
out, and the resultant further mixed to the desired frequency
and then amplified. The system is useful in testing complete
SSB transmitters. A commercial transmitter can also be used
as a signal source for testing linear amplifiers.
SYSTEM A
UPPER
SIDEBAND
1 kHz
f0 - f2
CARRIER
1 kHz
LOWER
SIDEBAND
f0 - f1
f0 f0 + f1
f0 + f2
System B — In this method, a signal of approximately
500 Hz is fed into a balanced modulator together with an
RF carrier and amplified to the required power level.
The resultant is a double-sideband signal that resembles
a single-sideband signal generated under two-tone sine
wave conditions. Viewed on a scope screen, the envelope
produced by this method appears the same as a SSB
twotone pattern. However, unlike the System A test signal,
there is a controlled and fixed phase relationship between
the two output tones. This system is widely employed to
generate the test signal for linearity measurements.
SYSTEM B
UPPER
SIDEBAND
CARRIER
1 kHz
LOWER
SIDEBAND
f0 - f1
f0 f0 + f1
System C — Two equal amplitude RF signals, separated
in frequency by 1 kHz, are algebraically added in a hybrid
coupler. The isolation between input ports must be high
enough to avoid interaction between the two RF signal
generators. Short-term stability (jitter) should be less than
one part per million at 30 MHz. The carrier is nonexistent
as compared to A and B, and the two-tone signal is
generated as the RF voltages cancel or add at the rate of
their difference frequency according to their instantaneous
phase angles. Because no active components are involved,
very low IM distortion is achievable. This system is useful
in applications where low distortion and low power levels are
required.
SYSTEM C
1 kHz
f1
f2
MOTOROLA
SEMICONDUCTOR
Order this document
by EB38/D
ENGINEERING BULLETIN
© Motorola, Inc. 1993
EB38
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - EB38

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
EB381 MOTOROLA-EB381 Datasheet
291Kb / 16P
Migrating from the MC68HC811E2 to the MC68HC11F1
EB381D MOTOROLA-EB381D Datasheet
291Kb / 16P
Migrating from the MC68HC811E2 to the MC68HC11F1
logo
Freescale Semiconductor...
EB386 FREESCALE-EB386 Datasheet
91Kb / 2P
16-bit Microcontrollers MC9S12A128
More results

Similar Description - EB38

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MHW1134 MOTOROLA-MHW1134 Datasheet
66Kb / 4P
Low Distortion Wideband Amplifiers
logo
Toshiba Semiconductor
TIM4450-60SL TOSHIBA-TIM4450-60SL Datasheet
80Kb / 4P
LOW INTERMODULATION DISTORTION
logo
Motorola, Inc
CA5800C MOTOROLA-CA5800C Datasheet
65Kb / 4P
The RF Line Wideband Linear Amplifiers
CA4800C MOTOROLA-CA4800C Datasheet
71Kb / 4P
The RF Line Wideband Linear Amplifiers
logo
Aeroflex Circuit Techno...
FA4489 AEROFLEX-FA4489 Datasheet
353Kb / 4P
9 CHANNEL PRESELECTOR ULTRA LOW INTERMODULATION DISTORTION 1 MHZ - 1200 MHZ
logo
Sharp Corporation
GP2Y0A41SK0F SHARP-GP2Y0A41SK0F Datasheet
227Kb / 10P
The outline and the characteristics of the analog ouput distance measuring sensor
logo
Murata Manufacturing Co...
NFZ2MSM101SN10 MURATA1-NFZ2MSM101SN10_V01 Datasheet
240Kb / 3P
Less audio distortion designing because of highly linear characteristics of magnetic hysteresis.
Last updated07/18/2022
NFZ2MSM181SN10 MURATA1-NFZ2MSM181SN10_V01 Datasheet
235Kb / 3P
Less audio distortion designing because of highly linear characteristics of magnetic hysteresis.
Last updated07/18/2022
NFZ2MSM301SN10 MURATA1-NFZ2MSM301SN10_V01 Datasheet
237Kb / 3P
Less audio distortion designing because of highly linear characteristics of magnetic hysteresis.
Last updated07/18/2022
NFZ2MSM601SN10 MURATA1-NFZ2MSM601SN10_V01 Datasheet
233Kb / 3P
Less audio distortion designing because of highly linear characteristics of magnetic hysteresis.
Last updated07/18/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com