Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6328 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6328
Description  NPN Transistor(30A, 100V)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6328 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6328 Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 2N6328

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2N6328 SAVANTIC-2N6328 Datasheet
111Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6328 JMNIC-2N6328 Datasheet
156Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2N6328 ISC-2N6328 Datasheet
130Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2N6328 NJSEMI-2N6328 Datasheet
75Kb / 1P
SI NPN POWER BJT
logo
Savantic, Inc.
2N6328 SAVANTIC-2N6328 Datasheet
113Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6328

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4876 SHINDENGEN-2SC4876 Datasheet
491Kb / 9P
Switching Power Transistor(30A NPN)
logo
Zetex Semiconductors
ZXTN25100DG ZETEX-ZXTN25100DG Datasheet
331Kb / 8P
100V NPN high gain transistor
ZXTN25100DZ ZETEX-ZXTN25100DZ Datasheet
408Kb / 8P
100V NPN high gain transistor
logo
Diodes Incorporated
FZT653 DIODES-FZT653_18 Datasheet
641Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR
Rev 7
FZT653Q DIODES-FZT653Q Datasheet
668Kb / 7P
100V NPN HIGH PERFORMANCE TRANSISTOR
Rev 1
FZT853 DIODES-FZT853_17 Datasheet
406Kb / 7P
100V NPN MEDIUM POWER TRANSISTOR
Rev 6
MJD31C DIODES-MJD31C_18 Datasheet
372Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 8
MJD31CQ DIODES-MJD31CQ_16 Datasheet
456Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 3
MJD31CUQ DIODES-MJD31CUQ Datasheet
382Kb / 7P
100V NPN HIGH VOLTAGE TRANSISTOR
Rev 2
ZXTN25100DZ DIODES-ZXTN25100DZ_17 Datasheet
393Kb / 8P
100V NPN MEDIUM POWER TRANSISTOR
Rev 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com