Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTE-R38386A-S-U Datasheet(PDF) 1 Page - Lite-On Technology Corporation

Part # LTE-R38386A-S-U
Description  IR Emitter and Detector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTE-R38386A-S-U Datasheet(HTML) 1 Page - Lite-On Technology Corporation

  LTE-R38386A-S-U Datasheet HTML 1Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 2Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 3Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 4Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 5Page - Lite-On Technology Corporation LTE-R38386A-S-U Datasheet HTML 6Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
Part No. : LTE-R38386A-S-U
BNS-OD-FC 002/A4
IR Emitter and Detector
LTE-R38386A-S-U
1. Description
Lite-On offers a broad range of discrete infrared components for application such as remote control, IR wireless data
transmission, security alarm & etc. Customers need infrared solutions featuring high power, high speed and wide viewing
angels. The product line includes GaAs 940nm IREDs, AlGaAs high speed 850nm IREDs, PIN Photodiodes and
Phototransistors. Photodiodes and Phototransistors can be provided with a filter that reduces digital light noise in the sensor
function, which enables a high signal-to-noise ratio.
1. 1. Features
High power LED light source
High performance, long life
High LED driving current
Meet ROHS, Green Product
1.2. Applications
Infrared emitter
PCB Mounted Infrared Sensor
2. Outline Dimensions
Notes :
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1mm (.004") unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - LTE-R38386A-S-U

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTE-R38386A-ZF-U LITEON-LTE-R38386A-ZF-U Datasheet
196Kb / 6P
IR Emitter and Detector
More results

Similar Description - LTE-R38386A-S-U

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
IR Emitter and Detector
LTE-S3201 LITEON-LTE-S3201 Datasheet
615Kb / 9P
IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
IR Emitter and Detector
LTR-516AB LITEON-LTR-516AB Datasheet
282Kb / 5P
IR Emitter and Detector
LTR-526AD LITEON-LTR-526AD Datasheet
279Kb / 5P
IR Emitter and Detector
LTE-R38381S-S-U LITEON-LTE-R38381S-S-U Datasheet
208Kb / 6P
IR Emitter and Detector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com