Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT25LC512 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT25LC512
Description  CMOS 64Kx8-Bit SPI Serial OTP EPROM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT25LC512 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT25LC512 Datasheet HTML 1Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 2Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 3Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 4Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 5Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 6Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 7Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 8Page - Holtek Semiconductor Inc HT25LC512 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Conditions
ISTB
Standby Current
2.7V~
3.6V
CS=VCC=3.6V, all in-
puts at CMOS levels
¾
210
mA
ICC
Active Current, Read Operation
2.7V~
3.6V
f=10MHz; SO=open
VCC=3.6V
¾
10
15
mA
IIL
Input Leakage Current
2.7V~
3.6V
VIN=0V to VCC
-3
¾
3
mA
IOL
Output Leakage Current
2.7V~
3.6V
VIN=0V to VCC
-3
¾
3
mA
Programming Operation
VCC
Supply Voltage
¾¾
5.8
6.0
6.2
V
VPP
Supply Voltage
¾¾
12.3
12.5
12.7
V
VIL
Input Low Voltage
6.0V
¾-0.5
¾
0.2VCC
V
VIH
Input High Voltage
6.0V
¾
0.7VCC
¾
VCC+0.5
V
ICC
VCC Supply current
6.0V
¾¾
¾
40
mA
IPP
VPP Supply Current
6.0V
¾¾
¾
10
mA
Note:
VPP overshoot/undershoot riaging caused by fast rising time must not go below 11V or above 13V.
A.C. Characteristics
Ta=0
°Cto+70°C, VCC=2.7V to 3.6V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fSCK
SCK Frequency
VCC=2.7V~3.0V
0
¾
12
MHz
VCC=3.0V~3.6V
0
¾
15
MHz
tWH
SCK High Time
VCC=2.7V~3.0V
36
¾¾
ns
VCC=3.0V~3.6V
28
¾¾
ns
tWL
SCK Low Time
VCC=2.7V~3.0V
36
¾¾
ns
VCC=3.0V~3.6V
28
¾¾
ns
tCS
Minimum CS High Time
VCC=2.7V~3.6V
25
¾¾
ns
tCSS
CS Setup Time
VCC=2.7V~3.6V
25
¾¾
ns
tCSH
CS Hold Time
VCC=2.7V~3.6V
25
¾¾
ns
tSU
Data in Setup Time
VCC=2.7V~3.6V
20
¾¾
ns
tH
Data in Hold Time
VCC=2.7V~3.6V
5
¾¾
ns
tCD
HOLD Setup Time
VCC=2.7V~3.6V
20
¾¾
ns
tHD
HOLD Hold Time
VCC=2.7V~3.6V
15
¾¾
ns
tHO
Output Hold Time
VCC=2.7V~3.6V
0
¾¾
ns
tDIS
Output Disable Time
VCC=2.7V~3.6V
¾¾
100
ns
tV
Output Valid
VCC=2.7V~3.0V
¾¾
36
ns
VCC=3.0V~3.6V
¾¾
28
ns
tLZ
HOLD to Output Low Z
VCC=2.7V~3.6V
¾¾
200
ms
tHZ
HOLD to Output High Z
VCC=2.7V~3.6V
¾¾
200
ms
HT25LC512
Rev. 1.10
3
October 17, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com