Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT46R63 Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT46R63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R63 Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT46R63 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R63 Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
24
May 17, 2004
6 4 t A D
A / D c o n v e r s i o n t i m e
6 4 t A D
A / D c o n v e r s i o n t i m e
0 0 0 B
0 0 0 B
1 0 0 B
0 1 0 B
0 0 0 B
S T A R T
E O C B
P C R 2 ~ P C R 0
A C S 2 ~ A C S 0
P o w e r - o n
R e s e t
E n d o f A / D
c o n v e r s i o n
1 : D e f i n e P B c o n f i g u r a t i o n
2 : S e l e c t a n a l o g c h a n n e l
1 . P B p o r t s e t u p a s I / O s
2 . A / D c o n v e r t e r i s p o w e r e d o f f
t o r e d u c e p o w e r c o n s u m p t i o n
A / D c l o c k m u s t b e f S Y S / 2 , f S Y S / 8 o r f S Y S / 3 2
N o t e :
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
1 0 0 B
0 0 0 B
S t a r t o f A / D
c o n v e r s i o n
R e s e t A / D
c o n v e r t e r
A / D s a m p l i n g t i m e
3 2 t A D
M i n i m u m o n e i n s t r u c t i o n c y c l e n e e d e d
d o n ' t c a r e
A / D s a m p l i n g t i m e
3 2 t A D
E n d o f A / D
c o n v e r s i o n
A/D Conversion Timing
PWM
The micro-controller provides 4 channels (6+2) bits
PWM outputs shared with PD0~PD3. The PWM chan-
nels has their data register. The PWMs uses a PWM
counter whose stages are 8 (stage 1~stage 8: fSYS/2
1 ~
fSYS/2
8). The frequency source of the PWM counter co-
mes from fSYS. The PWM register is an eight bits regis-
ter. The waveforms of PWM outputs are as shown.
Once the PDi (i=0~3) is selected as the PWMi output
and the output function of PDi is enabled, writing
²1² to
PDi data register will enable the PWMi output function.
Otherwise the PDi will stay at
²0². The PWM modulation
frequency, PWM cycle frequency and PWM cycle duty
are summarized in the following table.
PWMi Modulation
Frequency
PWMi Cycle
Frequency
PWMi Cycle
Duty
fSYS/64
fSYS/256
[PWM]/256
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M c y c l e : 2 5 6 / f S Y S
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 3
M o d u l a t i o n c y c l e 0
PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com