Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LE25S40MB Datasheet(PDF) 12 Page - ON Semiconductor

Part # LE25S40MB
Description  Serial Flash Memory 4 Mb
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S40MB Datasheet(HTML) 12 Page - ON Semiconductor

Back Button LE25S40MB Datasheet HTML 8Page - ON Semiconductor LE25S40MB Datasheet HTML 9Page - ON Semiconductor LE25S40MB Datasheet HTML 10Page - ON Semiconductor LE25S40MB Datasheet HTML 11Page - ON Semiconductor LE25S40MB Datasheet HTML 12Page - ON Semiconductor LE25S40MB Datasheet HTML 13Page - ON Semiconductor LE25S40MB Datasheet HTML 14Page - ON Semiconductor LE25S40MB Datasheet HTML 15Page - ON Semiconductor LE25S40MB Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LE25S40MB
www.onsemi.com
12
8. Chip Erase
Chip erase is an operation that sets the memory cell data in all the sectors to "1". "Figure 13 Chip Erase" shows the
timing waveforms, and Figure 20 shows a chip erase flowchart. The chip erase command consists only of the first
bus cycle, and it is initiated by inputting (60h) or (C7h). After the command has been input, the internal erase
operation starts from the rising CS edge, and it ends automatically by the control exercised by the internal timer.
Erase end can also be detected using status register RDY.
Figure 13 Chip Erase
9. Page Program
Page program is an operation that programs any number of bytes from 1 to 256 bytes within the same sector page
(page addresses: A18 to A8). Before initiating page program, the data on the page concerned must be erased using
small sector erase, sector erase, or chip erase. "Figure 14 Page Program" shows the page program timing waveforms,
and Figure 21 shows a page program flowchart. After the falling CS, edge, the command (02H) is input followed by
the 24-bit addresses. Addresses A18 to A0 are valid. The program data is then loaded at each rising clock edge until
the rising CS edge, and data loading is continued until the rising CS edge. If the data loaded has exceeded 256 bytes,
the 256 bytes loaded last are programmed. The program data must be loaded in 1-byte increments, and the program
operation is not performed at the rising CS edge occurring at any other timing.
Figure 14 Page Program
SCK
SI
High Impedance
SO
CS
tCHE
Self-timed
Erase Cycle
60h / C7h
0
1
2
3
4
5
6
7
Mode3
Mode0
8CLK
MSB
tPP
Self-timed
Program Cycle
SCK
SI
High Impedance
SO
CS
PD
Add.
Add.
02h
Add.
PD
15
0
1
2
3
4
5
6
7
8
23
16
24
31 32
39 40
47
Mode3
Mode0
8CLK
PD
2079
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com