Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS482 Datasheet(PDF) 1 Page - Sharp Corporation

Part # IS482
Description  Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS482 Datasheet(HTML) 1 Page - Sharp Corporation

  IS482 Datasheet HTML 1Page - Sharp Corporation IS482 Datasheet HTML 2Page - Sharp Corporation IS482 Datasheet HTML 3Page - Sharp Corporation IS482 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3.0
2.8
1.6
0.75
1.15
0.15
R0.5
2- C0.5
4˚
4˚
4˚
4˚
60
˚
6˚
6˚
6˚
6˚
6˚
6˚
VCC
V
Io
mA
PmW
T opr
˚C
T stg
˚C
T sol
260
˚C
13
2
1 GND
3-0.45
+ 0.3
- 0.1
3- 0.4
0.3
0.1
2- 0.8
2 VO
3 VCC
Features
s Outline Dimensions
Applications
(Unit : mm)
1. Built-in Schmidt trigger circuit
Internal connection diagram
(1.27)
Parameter
Symbol
Rating
Supply voltage
Output current
Operating temperature
Storage temperature
Soldering temperature
-25 to + 85
- 40 to +100
(1.7)
3- 0.4
+ 0.3
- 0.1
* OPIC (Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of
a light-detecting element and signal-processing circuit integrated onto a single chip.
Unit
IS481/IS482
IS481/IS482
4. LSTTL and TTL compatible
1. Battery-driven portable equipment
8
80
(Ta=25˚C)
(1.27)
(1.27)
2. Low voltage operating type (VCC:2.3to 7.0V)
5. Low level output under incident light ( IS481)
High level output under incident light ( IS482)
Low Voltage Operating and
High Sensitivity Type
OPIC Light Detectors
*1
*2
*3
Total power dissipation
*1 Output current vs. ambient temperature : Per Fig. 1
*2 Total power dissipation vs. ambient temperature : Per Fig. 2
*3 For 5 seconds at the position of 1.4 mm from bottom face of resin package
- 0.5 to + 8
Soldering area
Absolute Maximum Ratings
3. High sensitivity type (IS481 E
: TYP. 5.4 lx at Ta=25 ˚C)
(IS482 E
: TYP. 5.4 lx at Ta=25 ˚C)
VHL
VLH
IS481
IS482
Amp.
Amp.
3
2
1
3
2
1
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
s
s
s


Similar Part No. - IS482

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
IS480-24 PAIRUI-IS480-24 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
IS480-48 PAIRUI-IS480-48 Datasheet
1Mb / 19P
AC-DC Din Rail Mounted Power Supply
logo
ISOCOM COMPONENTS
IS480P ISOCOM-IS480P Datasheet
1Mb / 15P
Isolated IGBT/MOSFET Gate Drive
logo
Sharp Corporation
IS481 SHARP-IS481 Datasheet
56Kb / 4P
Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
IS485 SHARP-IS485 Datasheet
58Kb / 4P
Bulit-in Amp. Type OPIC Light Detector
More results

Similar Description - IS482

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
IS481 SHARP-IS481 Datasheet
56Kb / 4P
Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
IS489 SHARP-IS489 Datasheet
44Kb / 3P
Low Voltage Operating Type High Sensitivity OPIC Light Detector
PC930 SHARP-PC930 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
GP1A18 SHARP-GP1A18 Datasheet
125Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
PC935 SHARP-PC935 Datasheet
82Kb / 6P
Digital Output, High Sensitivity Type OPIC Photocoupler
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A14 SHARP-GP1A14 Datasheet
129Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A19 SHARP-GP1A19 Datasheet
132Kb / 4P
HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com