Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OCB100 Datasheet(PDF) 4 Page - TT Electronics.

Part # OCB100
Description  Automatic Calibration Circuitry
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OCB100 Datasheet(HTML) 4 Page - TT Electronics.

  OCB100 Datasheet HTML 1Page - TT Electronics. OCB100 Datasheet HTML 2Page - TT Electronics. OCB100 Datasheet HTML 3Page - TT Electronics. OCB100 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Automatic Calibration Circuitry
OCB100 Series
Issue B.1
04/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage & Operating Temperature Range
-40°C to +85°C
Lead Soldering Temperature [1/16 inch (1.6mm) from the case for 5 sec. with soldering iron]
260°C
Symbol
Parameter
Min
Max
Units
Conditions
ICC
Supply Current
-
35
mA
Vcc = 5.0 Volts
VOL
Low Level Output Voltage
-
1.2
V
Vcc = 5.0 Volts, VOUT < 2.2 Volts
VOH
High Level Output Voltage
3.5
-
V
Vcc = 5.0 Volts, VOUT > 2.8 Volts
Electrical Characteristics (TA = 25°C unless otherwise noted)
VCC
Supply Voltage
4.5
5.5
V
Schematic for OCB100 PCBoard
OCB100-MC24



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com